Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE43 Datasheet(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

Part # P4KE43
Description  TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

P4KE43 Datasheet(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  P4KE43 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. P4KE43 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. P4KE43 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. P4KE43 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Dated : 13/12/2008 J
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
P4KE Series
Electrical Characteristics (Ta = 25 OC unless otherwise specified)
Breakdown Voltage
1)
Uni-directional /
Bi-directional
Type
3)
Stand-off
Voltage
VWM (V)
VBR (V)
Min. at IT
VBR (V)
Max. at IT
Test
Current
IT (mA)
Maximum
Clamping
Voltage
VC (V) at IPPM
Maximum
Peak Pulse
Current
IPPM (A)
Maximum
Reverse
Leakage
2)
ID (μA) at VWM
P4KE62 / C
50.2
55.8
68.2
1
89
4.7
5
P4KE62A / CA
53
58.9
65.1
1
85
5
5
P4KE68 / C
55.1
61.2
74.8
1
98
4.2
5
P4KE68A / CA
58.1
64.6
71.4
1
92
4.5
5
P4KE75 / C
60.7
67.5
82.5
1
108
3.8
5
P4KE75A / CA
64.1
71.3
78.8
1
103
4
5
P4KE82 / C
66.4
73.8
90.2
1
118
3.5
5
P4KE82A / CA
70.1
77.9
86.1
1
113
3.7
5
P4KE91 / C
73.7
81.9
100
1
131
3.2
5
P4KE91A / CA
77.8
86.5
95.5
1
125
3.3
5
P4KE100 / C
81
90
110
1
144
2.9
5
P4KE100A / CA
85.5
95
105
1
137
3
5
P4KE110 / C
89.2
99
121
1
158
2.6
5
P4KE110A / CA
94
105
116
1
152
2.7
5
P4KE120 / C
97.2
108
132
1
173
2.4
5
P4KE120A / CA
102
114
126
1
165
2.5
5
P4KE130 / C
105
117
143
1
187
2.2
5
P4KE130A / CA
111
124
137
1
179
2.3
5
P4KE150 / C
121
135
165
1
215
1.9
5
P4KE150A / CA
128
143
158
1
207
2
5
P4KE160 / C
130
144
176
1
230
1.8
5
P4KE160A / CA
136
152
168
1
219
1.9
5
P4KE170 / C
138
153
187
1
244
1.7
5
P4KE170A / CA
145
162
179
1
234
1.8
5
P4KE180 / C
146
162
198
1
258
1.6
5
P4KE180A / CA
154
171
189
1
246
1.7
5
P4KE200 / C
162
180
220
1
287
1.4
5
P4KE200A / CA
171
190
210
1
274
1.51
5
P4KE220 / C
175
198
242
1
344
1.2
5
P4KE220A / CA
185
209
231
1
328
1.3
5
P4KE250 / C
202
225
275
1
360
1.1
5
P4KE250A / CA
214
237
263
1
344
1.2
5
P4KE300 / C
243
270
330
1
430
0.97
5
P4KE300A / CA
256
285
315
1
414
1
5
P4KE350 / C
284
315
385
1
504
0.83
5
P4KE350A / CA
300
332
368
1
482
0.87
5
P4KE400 / C
324
360
440
1
574
0.73
5
P4KE400A / CA
342
380
420
1
548
0.76
5
P4KE440 / C
356
396
484
1
631
0.66
5
P4KE440A / CA
376
418
462
1
602
0.69
5
1) VBR measured after IT applied for 300 µs square wave pulse or equivalent.
2) For bidirectional types having VRWM of 10 V and less, the ID limit is doubled.
3) For bidirectional use C or CA suffix types, the electrical characteristics apply in both directions.


Similar Part No. - P4KE43

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE43 PANJIT-P4KE43 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Nantong Hornby Electron...
P4KE43 HORNBY-P4KE43 Datasheet
343Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
P4KE43 LUGUANG-P4KE43 Datasheet
291Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4KE43 DIOTEC-P4KE43 Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P4KE43 LUGUANG-P4KE43 Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE43

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com