Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1N821A Datasheet(PDF) 2 Page - Motorola, Inc

Part No. 1N821A
Description  TEMPERATURECOMPENSATED SILICON ZENER REFERENCE DIODES 6.2 V, 400 mW
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

1N821A Datasheet(HTML) 2 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1N821,A
1N823,A
1N825,A
1N827,A
1N829,A
Motorola TVS/Zener Device Data
8-2
6.2 Volt OTC 400 mW DO-35 Data Sheet
Devices listed in bold, italic are Motorola preferred devices.
MAXIMUM VOLTAGE CHANGE versus AMBIENT TEMPERATURE
(with IZT = 7.5 mA ±0.01 mA) (See Note 3)
1N821 through 1N829
Figure 1a
Figure 1b
∆VZ = +31 mV
∆VZ = –31 mV
IZT = 7.5 mA
1N821,A
1N823,A
1N825,A
1N829,A
1N827,A
1N827,A
1N825,A
1N823,A
1N821,A
100
75
50
25
0
–25
–50
–75
–10
0–55
0
50
100
TA, AMBIENT TEMPERATURE (°C)
–55
0
50
100
–20
–15
–10
–5
0
5
10
15
20
1N821,A
25
1N823,A
1N825,A
1N827,A
1N829,A
1N829,A
1N827,A
1N825,A
1N823,A
1N821,A
–25
ZENER CURRENT versus MAXIMUM VOLTAGE CHANGE
(At Specified Temperatures)
(See Note 4)
MORE THAN 95% OF THE UNITS ARE IN THE RANGES INDICATED BY THE CURVES.
Figure 2. 1N821 Series
Figure 3. 1N821A Series
10
9
8
7.5
7
6
5
4
–75
–50
–25
0
25
50
+100
°C
IZT
+25
°C
–55
°C
+25
°C
+100
°C
–55
°C
10
9
8
7.5
7
6
5
4
∆VZ, MAXIMUM VOLTAGE CHANGE (mV)
(Referenced to IZT = 7.5 mA)
–75
–50
–25
0
25
50
∆VZ, MAXIMUM VOLTAGE CHANGE (mV)
(Referenced to IZT = 7.5 mA)
–55
°C
+25
°C
+100
°C
IZT
–55
°C
+25
°C
+100
°C


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn