Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1N821A Datasheet(PDF) 1 Page - Motorola, Inc

Part No. 1N821A
Description  TEMPERATURECOMPENSATED SILICON ZENER REFERENCE DIODES 6.2 V, 400 mW
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

1N821A Datasheet(HTML) 1 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MOTOROLA
SEMICONDUCTOR
TECHNICAL DATA
Motorola TVS/Zener Device Data
8-1
6.2 Volt OTC 400 mW DO-35 Data Sheet
Temperature-Compensated
Zener Reference Diodes
Temperature-compensated zener reference diodes utilizing a single chip oxide passi-
vated junction for long-term voltage stability. A rugged, glass-enclosed, hermetically sealed
structure.
Mechanical Characteristics:
CASE: Hermetically sealed, all-glass
DIMENSIONS: See outline drawing.
FINISH: All external surfaces are corrosion resistant and leads are readily solderable.
POLARITY: Cathode indicated by polarity band.
WEIGHT: 0.2 Gram (approx.)
MOUNTING POSITION: Any
Maximum Ratings
Junction Temperature: – 55 to +175
°C
Storage Temperature: – 65 to +175
°C
DC Power Dissipation: 400 mW @ TA = 50°C
WAFER FAB LOCATION: Phoenix, Arizona
ASSEMBLY/TEST LOCATION: Phoenix, Arizona
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted. VZ = 6.2 V ± 5%* @ IZT = 7.5 mA) (Note 5)
JEDEC
Type No.
Maximum
Voltage Change
∆VZ (Volts)
(Note 1)
Ambient
Test Temperature
°C
±1°C
Temperature
Coefficient
For Reference Only
%/
°C
(Note 1)
Maximum
Dynamic Impedance
ZZT Ohms
(Note 2)
1N821
0.096
– 55, 0, +25, +75, +100
0.01
15
1N823
0.048
0.005
1N825
0.019
0.002
1N827
0.009
0.001
1N829
0.005
0.0005
1N821A
0.096
0.01
10
1N823A
0.048
0.005
1N825A
0.019
0.002
1N827A
0.009
0.001
1N829A
0.005
0.0005
*Tighter-tolerance units available on special request.
1N821,A
1N823,A
1N825,A
1N827,A
1N829,A
TEMPERATURE-
COMPENSATED
SILICON ZENER
REFERENCE DIODES
6.2 V, 400 mW
CASE 299
DO-204AH
GLASS


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn