Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DU1P0-12D12 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # DU1P0-12D12
Description  1 WATT UNREGULATED OUTPUT POWER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

DU1P0-12D12 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  DU1P0-12D12 Datasheet HTML 1Page - Power Mate Technology Co., LTD DU1P0-12D12 Datasheet HTML 2Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2 Issued Date:2009/03/06
OUTPUT SPECIFICATIONS
Output power
1 Watt, max.
Voltage accuracy
Full load and nominal Vin
± 5%
Minimum load (Note 6)
10% of FL
Line regulation
LL to HL at Full Load
1.3% / 1% of Vin
Load regulation
20% to 100% FL
5V output
others
± 10%
± 8%
Ripple and noise
20MHz bandwidth
See table
Temperature coefficient
±
0.1% / ºC, max.
Short circuit protection (Note 7)
1 Sec.
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Input to Output
Standard
1000VDC, min.
Suffix-N
3000VDC, min.
Isolation resistance
10
9
ohms, min.
Isolation capacitance
30pF, max.
Switching frequency
60KHz, min.
Approvals and standard
IEC60950-1, UL60950-1, EN60950-1
Case material
Non-conductive black plastic
Base material
None
Potting material
Epoxy (UL94-V0)
Dimensions
0.77 X 0.24 X 0.40 Inch
(19.6 X 6.1 X 10.2 mm)
Weight
2.0g (0.071oz)
MTBF (Note 1)
BELLCORE TR-NWT-000332
MIL-HDBK-217F
1.471 x 10
7 hrs
1.238 x 10
7 hrs
INPUT SPECIFICATIONS
Input voltage range
5V nominal input
12V nominal input
15V nominal input
24V nominal input
4.5 – 5.5VDC
10.8 – 13.2VDC
13.5 – 16.5VDC
21.6 – 26.4VDC
Input filter
Capacitor
ENVIRONMENTAL SPECIFICATIONS
Operating ambient temperature
-25ºC ~ +85ºC (with derating)
Storage temperature range
-55ºC ~ +105ºC
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH
TECHNICAL SPEC I FI C A TI ON All specifications are typical at nominal input, full load and 25ºC otherwise noted
FEATURES
1 WATT UNREGULATED OUTPUT POWER
OUTPUT CURRENT UP TO 0.2A
SINGLE-IN-LINE PACKAGE (SIP)
HIGH EFFICIENCY FOR LOW POWER APPLICATION
INPUT RANGE FROM 4.5VDC TO 5.5VDC, 10.8VDC TO 13.2 VDC,
13.5VDC TO 16.5VDC AND 21.6VDC TO 26.4VDC
UL 94-V0 NON-CONDUCTED CASE
INTERNAL INPUT & OUTPUT FILTER
INPUT / OUTPUT ISOLATION UP TO 3KVDC
SUFFIX-N ISOLATION LEVEL REINFORCE
CE MARK MEETS 2006/95/EC, 93/68/EEC AND 2004/108/EC
UL60950-1, EN60950-1 AND IEC60950-1 LICENSED
ISO9001 CERTIFIED MANUFACTURING FACILITIES
COMPLIANT TO RoHS EU DIRECTIVE 2002/95/EC
OPTIONS
3KV ISOLATION
DESCRIPTION
The DU1P0 series are the standard building blocks for on-board
distributed power systems. They are ideally suited to provide single and
dual supplies on primarily digital boards with added benefit of galvanic
isolation to reduce switching noise.
APPLICATIONS
Wireless Network
Telecom/Datacom
Industry Control System
Measurement Equipment
Semiconductor Equipment


Similar Part No. - DU1P0-12D12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DU1P0-12D12 ETC-DU1P0-12D12 Datasheet
88Kb / 2P
   1 WATT DC-DC CONVERTER
logo
Astrodyne Corporation
DU1P0-12D12 ASTRODYNE-DU1P0-12D12 Datasheet
374Kb / 3P
   Isolated and Unregulated 1 WATT Modular DC/DC Converters
logo
RSG Electronic Componen...
DU1P0-12D12 RSG-DU1P0-12D12 Datasheet
150Kb / 2P
   1 WATT UNREGULATED OUTPUT POWER
logo
Power Mate Technology C...
DU1P0-12D12 P-DUKE-DU1P0-12D12 Datasheet
306Kb / 2P
   1 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
DU1P0-12D12 ASTRODYNE-DU1P0-12D12 Datasheet
171Kb / 3P
   Isolated and Unregulated 1 WATT Modular DC/DC Converters
More results

Similar Description - DU1P0-12D12

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DUR01-33S33 P-DUKE-DUR01-33S33 Datasheet
235Kb / 2P
   1 WATT UNREGULATED OUTPUT POWER
logo
RSG Electronic Componen...
DU1P0-05S05 RSG-DU1P0-05S05 Datasheet
150Kb / 2P
   1 WATT UNREGULATED OUTPUT POWER
DUR01-33S33 RSG-DUR01-33S33 Datasheet
159Kb / 2P
   1 WATT UNREGULATED OUTPUT POWER
logo
Wall Industries,Inc.
LANEH WALL-LANEH_16 Datasheet
381Kb / 6P
   1 Watt Output Power
logo
Murata Power Solutions ...
HL01U MURATA-PS-HL01U Datasheet
99Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTER
HB01UYC MURATA-PS-HB01UYC Datasheet
115Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
HB01UZC MURATA-PS-HB01UZC Datasheet
118Kb / 4P
   1 Watt Unregulated DC/DC Converters
logo
C&D Technologies
HB01U CANDD-HB01U Datasheet
101Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
HL01U CANDD-HL01U Datasheet
54Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HB01U MURATA-PS-HB01U Datasheet
105Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com