Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN65LBC172 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part No. SN65LBC172
Description  QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LBC172 Datasheet(HTML) 5 Page - Texas Instruments

  SN65LBC172 Datasheet HTML 1Page - Texas Instruments SN65LBC172 Datasheet HTML 2Page - Texas Instruments SN65LBC172 Datasheet HTML 3Page - Texas Instruments SN65LBC172 Datasheet HTML 4Page - Texas Instruments SN65LBC172 Datasheet HTML 5Page - Texas Instruments SN65LBC172 Datasheet HTML 6Page - Texas Instruments SN65LBC172 Datasheet HTML 7Page - Texas Instruments SN65LBC172 Datasheet HTML 8Page - Texas Instruments SN65LBC172 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SN65LBC172, SN75LBC172
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SLLS163B – JULY 1993 – REVISED JANUARY 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VOC
2
RL
2
RL
VOD2
Figure 1. Differential and Common-Mode Output Voltages
R2 = 375
VOD
RL = 60 Ω
Vtest
Vtest
0 V or 3 V
A
R1 = 375
Y
Z
– 7 V < Vtest < 12 V
G at 5 V
or
G at 0 V
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, duty cycle = 50%, tr ≤ 5 ns,
tf ≤ 5 ns, ZO = 50 Ω.
B. CL includes probe and stray capacitance.
Figure 2. Driver VOD Test Circuit
VOLTAGE WAVEFORMS
50%
tt(OD)
td(OD)
10%
tt(OD)
≈ 2.5 V
≈ – 2.5 V
90%
50%
Output
td(OD)
0 V
3 V
Input
TEST CIRCUIT
Output
CL = 50 pF
(see Note B)
RL = 54 Ω
50
1.5 V
1.5 V
3 V
Input
Generator
(see Note A)
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, duty cycle = 50%, tr ≤ 5 ns,
tf ≤ 5 ns, ZO = 50 Ω.
B. CL includes probe and stray capacitance.
Figure 3. Driver Differential-Output Test Circuit and Delay and Transition-Time Waveforms


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn