Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ55LVDS32W Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ55LVDS32W
Description  HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ55LVDS32W Datasheet(HTML) 6 Page - Texas Instruments

Back Button SNJ55LVDS32W Datasheet HTML 2Page - Texas Instruments SNJ55LVDS32W Datasheet HTML 3Page - Texas Instruments SNJ55LVDS32W Datasheet HTML 4Page - Texas Instruments SNJ55LVDS32W Datasheet HTML 5Page - Texas Instruments SNJ55LVDS32W Datasheet HTML 6Page - Texas Instruments SNJ55LVDS32W Datasheet HTML 7Page - Texas Instruments SNJ55LVDS32W Datasheet HTML 8Page - Texas Instruments SNJ55LVDS32W Datasheet HTML 9Page - Texas Instruments SNJ55LVDS32W Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
SN55LVDS32, SN65LVDS32, SN65LVDS3486, SN65LVDS9637
HIGHSPEED DIFFERENTIAL LINE RECEIVERS
SLLS262N − JULY 1997 − REVISED MARCH 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
SN55LVDS32 electrical characteristics over recommended operating conditions (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VITH+
Positive-going differential input voltage threshold
See Figure 2, Table 1, and Note 2
100
mV
VITH−
Negative-going differential input voltage threshold‡
See Figure 2, Table 1, and Note 2
−100
mV
VOH
High-level output voltage
IOH = −8 mA
2.4
V
VOL
Low-level output voltage
IOL = 8 mA
0.4
V
ICC
Supply current
Enabled,
No load
10
18
mA
ICC
Supply current
Disabled
0.25
0.5
mA
II
Input current (A or B inputs)
VI = 0
−2
−10
−20
A
II
Input current (A or B inputs)
VI = 2.4 V
−1.2
−3
µA
II(OFF)
Power-off input current (A or B inputs)
VCC = 0,
VI = 2.4 V
6
20
µA
IIH
High-level input current (EN, G, or G inputs)
VIH = 2 V
10
µA
IIL
Low-level input current (EN, G, or G inputs)
VIL = 0.8 V
10
µA
IOZ
High-impedance output current
VO = 0 or VCC
±12
µA
† All typical values are at TA = 25°C and with VCC = 3.3 V.
‡ The algebraic convention, in which the less-positive (more-negative) limit is designated minimum, is used in this data sheet for the negative-going
differential input voltage threshold only.
NOTE 2: |VITH| = 200 mV for operation at −55°C
SN55LVDS32 switching characteristics over recommended operating conditions (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
1.3
2.3
6
ns
tPHL
Propagation delay time, high-to-low-level output
1.4
2.2
6.1
ns
tsk(o)
Channel-to-channel output skew§
CL = 10 pF, See Figure 3
0.1
ns
tr
Output signal rise time, 20% to 80%
CL = 10 pF, See Figure 3
0.6
ns
tf
Output signal fall time, 80% to 20%
0.7
ns
tPHZ
Propagation delay time, high-level-to-high-impedance output
6.5
12
ns
tPLZ
Propagation delay time, low-level-to-high-impedance output
See Figure 4
5.5
12
ns
tPZH
Propagation delay time, high-impedance-to-high-level output
See Figure 4
8
14
ns
tPZL
Propagation delay time, high-impedance-to-low-level output
3
12
ns
§ tsk(o) is the maximum delay time difference between drivers on the same device.


Similar Part No. - SNJ55LVDS32W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ55LVDS32W TI-SNJ55LVDS32W Datasheet
1,017Kb / 31P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SNJ55LVDS32W TI-SNJ55LVDS32W Datasheet
1Mb / 35P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SNJ55LVDS32W TI-SNJ55LVDS32W Datasheet
1Mb / 35P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SNJ55LVDS32W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE RECEIVERS
May 2003
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
logo
Texas Instruments
SN65LVDS390 TI-SN65LVDS390 Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
   High speed differential line receivers
logo
Texas Instruments
SN65LVDS386 TI-SN65LVDS386_07 Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS388 TI-SN65LVDS388 Datasheet
204Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com