Electronic Components Datasheet Search |
|
DOH06-05T Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD |
|
DOH06-05T Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD |
2 / 3 page Page 2 of 3 Issued Date:2007/10/12 Output Current Model Name ON/OFF Logic Package Input Voltage Output Voltage Min. Load Max. Load Efficiency (%) 5.0Vin, 3.3Vdc@6A DOS06-05T Negative DOS06-05T-P Positive SMD DOH06-05T Negative DOH06-05T-P Positive Vertical Mounting SIP DOH06-05TA Negative DOH06-05TA-P Positive Horizontal Mounting SIP 2.4 ~ 5.5Vdc Vin(min)=Vo(set)+0.5V 0.75 ~ 3.3Vdc 0A 6A 94% Fig. 1 Table 1 Vo(set) (V) Rtrim (KΩ) 0.7525 Open 1.2 41.973 1.5 23.077 1.8 15.004 2.5 6.974 3.3 3.160 Note 1. BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40ºC. MIL-HDBK-217F Notice2 @Ta=25 ºC, Full load(Ground, Benign, controlled environment). 2. External with Cout = 1μF ceramic//10μF tantalum capacitors. 3. External with Cout = 2×150uF polymer capacitors. 4. Output voltage programmable from 0.75V to 3.3V by connecting a single resistor (shown as Rtrim in Table 1) between the TRIM and GND pins of the module.To calculate the value of the resistor Rtrim for a particular output voltage Vo, use the following equation: 5. It’s necessary to equip the external input capacitors at the input of the module. The capacitors should connect as close as possible to the input terminals that ensuring module stability. The external Cin is 2×150μF low-ESR polymer capacitors // 2×47μF ceramic capacitors at least. 6. Device code with suffix “-P” – Positive logic(On/Off is open collector/drain logic input; Signal referenced to GND ) Device code with no suffix – Negative logic (On/Off pin is open collector/drain logic input with external pull –up resistor; signal referenced to GND) 7. Case 1 :On/Off input is set to logic low (module on) and then input power is applied (delay from instant at which Vin=Vin(min) until Vo=10% of Vo(set)) 8. Case 2 :Input power is applied for at least one second and then the On/Off input is set to logic low (delay form instant at which Von/off=0.3V until Vo=10% of Vo(set)) CAUTION : This power module is not internally fused. An input line fuse must always be used. Rtrim = [ 21070 Vo – 0.7525 -5110 ] Ω DOS06-05T, Vo=3.3V, Derating Curve 0 1 2 3 4 5 6 7 20 30 40 50 60 70 80 90 AMBIENT TEMPERATURE,TA(℃) 63 |
Similar Part No. - DOH06-05T |
|
Similar Description - DOH06-05T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |