Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75462DRE4 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN75462DRE4
Description  DUAL PERIPHERAL DRIVERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75462DRE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75462DRE4 Datasheet HTML 3Page - Texas Instruments SN75462DRE4 Datasheet HTML 4Page - Texas Instruments SN75462DRE4 Datasheet HTML 5Page - Texas Instruments SN75462DRE4 Datasheet HTML 6Page - Texas Instruments SN75462DRE4 Datasheet HTML 7Page - Texas Instruments SN75462DRE4 Datasheet HTML 8Page - Texas Instruments SN75462DRE4 Datasheet HTML 9Page - Texas Instruments SN75462DRE4 Datasheet HTML 10Page - Texas Instruments SN75462DRE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
JM38510/12908BPA
ACTIVE
CDIP
JG
8
1
TBD
A42 SNPB
Level-NC-NC-NC
JM38510/12909BPA
OBSOLETE
CDIP
JG
8
TBD
Call TI
Call TI
SN55461JG
OBSOLETE
CDIP
JG
8
TBD
Call TI
Call TI
SN55462JG
OBSOLETE
CDIP
JG
8
TBD
Call TI
Call TI
SN55463JG
OBSOLETE
CDIP
JG
8
TBD
Call TI
Call TI
SN75461D
OBSOLETE
SOIC
D
8
TBD
Call TI
Call TI
SN75461P
OBSOLETE
PDIP
P
8
TBD
Call TI
Call TI
SN75462D
ACTIVE
SOIC
D
8
75
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN75462DE4
ACTIVE
SOIC
D
8
75
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN75462DR
ACTIVE
SOIC
D
8
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN75462DRE4
ACTIVE
SOIC
D
8
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN75462P
ACTIVE
PDIP
P
8
50
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
SN75462PE4
ACTIVE
PDIP
P
8
50
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
SN75463D
OBSOLETE
SOIC
D
8
TBD
Call TI
Call TI
SN75463DR
OBSOLETE
SOIC
D
8
TBD
Call TI
Call TI
SN75463P
ACTIVE
PDIP
P
8
50
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
SN75463PE4
ACTIVE
PDIP
P
8
50
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
SNJ55461FK
OBSOLETE
LCCC
FK
20
TBD
Call TI
Call TI
SNJ55461JG
OBSOLETE
CDIP
JG
8
TBD
Call TI
Call TI
SNJ55462FK
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
Level-NC-NC-NC
SNJ55462JG
ACTIVE
CDIP
JG
8
1
TBD
A42 SNPB
Level-NC-NC-NC
SNJ55463JG
OBSOLETE
CDIP
JG
8
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
PACKAGE OPTION ADDENDUM
www.ti.com
17-Oct-2005
Addendum-Page 1


Similar Part No. - SN75462DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75462DRE4 TI-SN75462DRE4 Datasheet
517Kb / 16P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
More results

Similar Description - SN75462DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ55451BJG TI-SNJ55451BJG Datasheet
150Kb / 9P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75462DG4 TI-SN75462DG4 Datasheet
517Kb / 16P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75446 TI1-SN75446_08 Datasheet
115Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55461 TI1-SN55461_14 Datasheet
539Kb / 17P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75476 TI1-SN75476_14 Datasheet
449Kb / 14P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_08 Datasheet
557Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75471 TI-SN75471 Datasheet
121Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_07 Datasheet
527Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75477DR TI-SN75477DR Datasheet
440Kb / 14P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
logo
National Semiconductor ...
DS55451 NSC-DS55451 Datasheet
249Kb / 16P
   Dual Peripheral Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com