Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB250 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # SB250
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

SB250 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  SB250 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. SB250 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
Dated : 31/08/2006 H
SB220 THRU SB2100
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage – 20 to 100 V
Forward Current – 2 A
Features
• Low forward voltage drop
• High current capability
• High switching capability
• High surge capability
• High reliability
Mechanical Data
• Case: Molded plastic, DO-15
• Epoxy: UL 94V-0 rate flame retardant
• Lead: Axial leads, solderable per MIL-STD-202,
method 208 guaranteed
• Polarity: Color band denotes cathode end
• Mounting position: Any
Maximum Ratings and Electrical Characteristic
Ratings at 25 OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or
inductive load. For capacitive load, derate current by 20%.
Parameter
Symbols SB220
SB230
SB240
SB250
SB260
SB280 SB2100
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
80
100
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
70
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
V
Maximum Average Forward Rectified Current 0.375"
(9.5 mm) Lead Length
IF(AV)
2
A
Peak Forward Surge Current, 8.3 ms Single half-
Sine-Wave Superimposed on Rated Load (JEDEC
method)
IFSM
50
A
Maximum Forward Voltage at 2 A
VF
0.55
0.7
0.85
V
Maximum Reverse Current at Rated
DC Blocking Voltage
at TA = 25 OC
at TA = 100 OC
IR
0.5
20
mA
Typical Junction Capacitance
1)
CJ
180
pF
Typical Thermal Resistance
2)
RθJA
45
O
C/W
Operating Junction Temperature Range
TJ
- 55 to + 125
- 55 to + 150
O
C
Storage Temperature Range
Tstg
- 55 to + 150
O
C
1) Measured at 1 MHz and applied reverse voltage of 4 V DC.
2) Thermal Resistance from Junction to Ambient 0.375" (9.5 mm) lead length P.C.B. mounted.


Similar Part No. - SB250

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB250 PANJIT-SB250 Datasheet
41Kb / 2P
   2 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
Formosa MS
SB250 FORMOSA-SB250 Datasheet
160Kb / 6P
   Axial Leaded Schottky Barrier Rectifier
logo
Diode Semiconductor Kor...
SB250 DSK-SB250 Datasheet
258Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Semikron International
SB250 SEMIKRON-SB250 Datasheet
133Kb / 2P
   Schottky barrier rectifiers diodes
logo
SAMYANG ELECTRONICS CO....
SB250 SAMYANG-SB250 Datasheet
526Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB250

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com