Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65175 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65175
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65175 Datasheet(HTML) 4 Page - Texas Instruments

  SN65175 Datasheet HTML 1Page - Texas Instruments SN65175 Datasheet HTML 2Page - Texas Instruments SN65175 Datasheet HTML 3Page - Texas Instruments SN65175 Datasheet HTML 4Page - Texas Instruments SN65175 Datasheet HTML 5Page - Texas Instruments SN65175 Datasheet HTML 6Page - Texas Instruments SN65175 Datasheet HTML 7Page - Texas Instruments SN65175 Datasheet HTML 8Page - Texas Instruments SN65175 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SN65175, SN75175
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SLLS145B – OCTOBER 1990 – REVISED MAY 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of common-mode input voltage, supply
voltage and operating free-air temperature
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIT+
Positive-going input threshold voltage
VO = 2.7 V,
IO = – 0.4 mA
0.2
V
VIT–
Negative-going input threshold voltage
VO = 0.5 V,
IO = 16 mA
– 0.2‡
V
Vhys
Hysteresis voltage (VIT+ – VIT–)
See Figure 4
50
mV
VIK
Enable-input clamp voltage
II = – 18 mA
– 1.5
V
VOH
High-level output voltage
VID = 200 mV,
IOH = – 400 µA,
See Figure 1
2.7
V
VOL
Low level output voltage
VID = 200 mV
See Figure 1
IOL = 8 mA
0.45
V
VOL
Low-level output voltage
VID = – 200 mV,
See Figure 1
IOL = 16 mA
0.5
V
IOZ
High-impedance-state output current
VO = 0.4 V to 2.4 V
±20
µA
II
Line input current
Other input at 0 V
See Note 3
VI = 12 V
1
mA
II
Line input current
Other input at 0 V,
See Note 3
VI = – 7 V
– 0.8
mA
IIH
High-level enable-input current
VIH = 2.7 V
20
µA
IIL
Low-level enable-input current
VIL = 0.4 V
– 100
µA
ri
Input resistance
12
k
IOS
Short-circuit output current§
–15
–85
mA
ICC
Supply current
Outputs disabled
70
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The algebraic convention, in which the less positive (more negative) limit is designated as minimum, is used in this data sheet for threshold voltage
levels only.
§ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second.
NOTE 3: Refer to ANSI Standards EIA/TIA-422-B, RS-423-B, and RS-485 for exact conditions.
switching characteristics, VCC = 5 V, CL = 15 pF, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
See Figure 2
22
35
ns
tPHL
Propagation delay time, high- to low-level output
See Figure 2
25
35
ns
tPZH
Output enable time to high level
See Figure 3
13
30
ns
tPZL
Output enable time to low level
See Figure 3
19
30
ns
tPHZ
Output disable time from high level
See Figure 3
26
35
ns
tPLZ
Output disable time from low level
See Figure 3
25
35
ns


Similar Part No. - SN65175

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65175 TI-SN65175 Datasheet
431Kb / 16P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175 TI1-SN65175 Datasheet
1,010Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175D TI-SN65175D Datasheet
431Kb / 16P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175D TI1-SN65175D Datasheet
1,010Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175DE4 TI-SN65175DE4 Datasheet
431Kb / 16P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN65175

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI-SN55ALS195 Datasheet
164Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_06 Datasheet
541Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55173 TI-SN55173 Datasheet
155Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI1-AM26LS32AC_16 Datasheet
1Mb / 27P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55173 TI1-SN55173_15 Datasheet
791Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175 TI-SN65175_06 Datasheet
431Kb / 16P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI1-SN55ALS195_14 Datasheet
415Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com