Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MD1S Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # MD1S
Description  MINIATURE GLASS PASSIVATED SINGLE PHASE SURFACE MOUNT BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

MD1S Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  MD1S Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. MD1S Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 23/02/2005
H
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, acompany
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
MD1S THRU MD7S
Reverse Voltage, V
10
0
0.1
1
10
200
100
Typical Junction Capacitance
Per Leg
30
20
Tj=25 C
f=1MHz
Vaig=50mVp-p
Typical Forward Voltage
Characteristics per element
Derating curve for output rectified current
Glass epoxy P.C.B.
Resistive or inductive load
0.6
0.2
0
0
0.4
0.8
80
Aluminum substrate
Ambient Temperature ( C)
40
120
160
0.01
0.2
0.1
1.0
10
Forward Voltage, V
1.0
0.6
Pulse width=300 s
1% duty cycle
1.4
Tj=150 C
Tj=25 C
10
Max Non-repetitive Peak
Forward Surge Current per leg
Number Of Cycles
f=50Hz
10
1
0
20
1 cycle
35
30
f=60Hz
Percent of Rated Peak Reverse Voltage, %
80
0.1
100
0.01
1.0
40
0
Tj=25 C
TA=40 C
JEDEC method
single half sine-wave
100
10
Typical Reverse Leakage
Characteristics per leg
Tj=125 C
100


Similar Part No. - MD1S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MD1S RECTRON-MD1S Datasheet
21Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED MINI SILICON SURFACE MOUNT BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Ampere)
logo
DAESAN ELECTRONIC CORP.
MD1S DAESAN-MD1S Datasheet
296Kb / 2P
   CURRENT 0.5 Amperes VOLTAGE 50 to 1000 Volts
logo
UNIOHM CORPORATION
MD1S UNIOHM-MD1S Datasheet
66Kb / 2P
   SINGLE PHASE 0.8 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
MD1S SECOS-MD1S Datasheet
144Kb / 2P
   0.8 AMP Single Phase Surface Mount Bridge Rectifiers
logo
WILLAS ELECTRONIC CORP
MD1S WILLAS-MD1S Datasheet
567Kb / 3P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
More results

Similar Description - MD1S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBL104S VISHAY-MBL104S Datasheet
99Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
Revision: 12-Apr-13
MB6S-E3 VISHAY-MB6S-E3 Datasheet
102Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
Revision: 01-Feb-08
MB2S VISHAY-MB2S Datasheet
112Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
Revision: 01-Feb-08
logo
Microdiode Electronics ...
LB1S CHENDA-LB1S Datasheet
813Kb / 2P
   MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Vishay Siliconix
B2S VISHAY-B2S_13 Datasheet
93Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
Revision: 19-Aug-13
DF005SA VISHAY-DF005SA Datasheet
27Kb / 2P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
25-Apr-03
B2S VISHAY-B2S_V01 Datasheet
104Kb / 4P
   Miniature Glass Passivated Single-Phase Surface-Mount Bridge Rectifier
01-Jan-2022
logo
GOOD-ARK Electronics
DB101S GOOD-ARK-DB101S Datasheet
168Kb / 3P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Shenzhen Yixinwei Techn...
MB05F YIXIN-MB05F Datasheet
322Kb / 2P
   MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
SHIKUES Electronics
S1ZB60 SKTECHNOLGY-S1ZB60 Datasheet
407Kb / 2P
   MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com