Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN55LVDS31FK Datasheet(PDF) 7 Page - Texas Instruments

Part # SN55LVDS31FK
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN55LVDS31FK Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN55LVDS31FK Datasheet HTML 3Page - Texas Instruments SN55LVDS31FK Datasheet HTML 4Page - Texas Instruments SN55LVDS31FK Datasheet HTML 5Page - Texas Instruments SN55LVDS31FK Datasheet HTML 6Page - Texas Instruments SN55LVDS31FK Datasheet HTML 7Page - Texas Instruments SN55LVDS31FK Datasheet HTML 8Page - Texas Instruments SN55LVDS31FK Datasheet HTML 9Page - Texas Instruments SN55LVDS31FK Datasheet HTML 10Page - Texas Instruments SN55LVDS31FK Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
SN55LVDS31, SN65LVDS31, SN65LVDS3487, SN65LVDS9638
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SLLS261F – JULY 1997 – REVISED MARCH 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
SN55LVDS31 electrical characteristics over recommended operating conditions (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN55LVDS31
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOD
Differential output voltage magnitude
247
340
454
mV
∆VOD
Change in differential output voltage magnitude
between logic states
RL = 100 Ω,
See Figure 2
–50
50
mV
VOC(SS)
Steady-state common-mode output voltage
1.125
1.2
1.375
V
∆VOC(SS)
Change in steady-state common-mode output voltage
between logic states
See Figure 3
–50
50
mV
VOC(PP)
Peak-to-peak common-mode output voltage
50
150
mV
VI = 0.8 V or 2 V,
No load
Enabled,
9
20
mA
ICC
Supply current
VI = 0.8 or 2 V,
Enabled
RL = 100 Ω,
25
35
mA
VI = 0 or VCC,
Disabled
0.25
1
mA
IIH
High-level input current
VIH = 2
4
20
µA
IIL
Low-level input current
VIL = 0.8 V
0.1
10
µA
IOS
Short circuit output current
VO(Y) or VO(Z) = 0
–4
–24
mA
IOS
Short-circuit output current
VOD = 0
±12
mA
IOZ
High-impedance output current
VO = 0 or 2.4 V
±1
µA
IO(OFF)
Power-off output current
VCC = 0,
VO = 2.4 V
±4
µA
CI
Input capacitance
3
pF
† All typical values are at TA = 25°C and with VCC = 3.3 V.
SN55LVDS31 switching characteristics over recommended operating conditions (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN55LVDS31
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tpLH
Propagation delay time, low-to-high-level output
0.5
1.4
4
ns
tpHL
Propagation delay time, high-to-low-level output
1
1.7
4.5
ns
tr
Differential output signal rise time (20% to 80%)
RL = 100 Ω,
CL = 10 pF,
0.4
0.5
1
ns
tf
Differential output signal fall time (80% to 20%)
L
,
L
,
See Figure 2
0.4
0.5
1
ns
tsk(p)
Pulse skew (|tPHL – tPLH|)
0.3
0.6
ns
tsk(o)
Channel-to-channel output skew‡
0.3
0.6
ns
tpZH
Propagation delay time, high-impedance-to-high-level output
5.4
15
ns
tpZL
Propagation delay time, high-impedance-to-low-level output
See Figure 4
2.5
15
ns
tpHZ
Propagation delay time, high-level-to-high-impedance output
See Figure 4
8.1
17
ns
tpLZ
Propagation delay time, low-level-to-high-impedance output
7.3
15
ns
† All typical values are at TA = 25°C and with VCC = 3.3 V.
‡ tsk(o) is the maximum delay time difference between drivers on the same device.


Similar Part No. - SN55LVDS31FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55LVDS31 TI-SN55LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN55LVDS31 TI-SN55LVDS31 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN55LVDS31 TI-SN55LVDS31 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN55LVDS31 TI-SN55LVDS31 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN55LVDS31 TI-SN55LVDS31 Datasheet
522Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
More results

Similar Description - SN55LVDS31FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI1-SN65LVDS387_16 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
SN55LVDS31 TI-SN55LVDS31_07 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS
May 2003
STLVDS31 STMICROELECTRONICS-STLVDS31_06 Datasheet
216Kb / 15P
   High speed differential line drivers
logo
Pericom Semiconductor C...
PI90LV3811 PERICOM-PI90LV3811 Datasheet
325Kb / 9P
   High-Speed Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com