Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1N821 Datasheet(PDF) 3 Page - Motorola, Inc

Part No. 1N821
Description  TEMPERATURECOMPENSATED SILICON ZENER REFERENCE DIODES 6.2 V, 400 mW
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

1N821 Datasheet(HTML) 3 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1N821,A
1N823,A
1N825,A
1N827,A
1N829,A
Motorola TVS/Zener Device Data
8-161
6.2 Volt OTC 400 mW DO-35 Data Sheet
MAXIMUM ZENER IMPEDANCE versus ZENER CURRENT
(See Note 2)
MORE THAN 95% OF THE UNITS ARE IN THE RANGES INDICATED BY THE CURVES.
Figure 4. 1N821 Series
Figure 5. 1N821A Series
1000
1
2
4
6
8
10
20
40
60
80
100
200
400
600
800
1000
1
2
4
6
8
10
20
40
60
80
100
200
400
600
800
IZ, ZENER CURRENT (mA)
1
2
4
6
8 10
20
40
60 80 100
IZ, ZENER CURRENT (mA)
1
2
4
6
8 10
20
40
60 80 100
–55
°C
25
°C
100
°C
25
°C
100
°C
–55
°C
NOTE 1. VOLTAGE VARIATION (
∆VZ) AND TEMPERATURE COEFFICIENT
All reference diodes are characterized by the “box method.” This guarantees a maximum volt-
age variation (
∆VZ) over the specified temperature range, at the specified test current (IZT),
verified by tests at indicated temperature points within the range. VZ is measured and re-
corded at each temperature specified. The
∆VZ between the highest and lowest values must
not exceed the maximum
∆VZ given. This method of indicating voltage stability is now used
for JEDEC registration as well as for military qualification. The former method of indicating
voltage stability — by means of temperature coefficient accurately reflects the voltage devi-
ation at the temperature extremes, but is not necessarily accurate within the temperature
range because reference diodes have a nonlinear temperature relationship. The temperature
coefficient, therefore, is given only as a reference.
NOTE 2.
The dynamic zener impedance, ZZT, is derived from the 60 Hz ac voltage drop which results
when an ac current with an rms value equal to 10% of the dc zener current, IZT, is superim-
posed on IZT. Curves showing the variation of zener impedance with zener current for each
series are given in Figures 4 and 5.
NOTE 3.
These graphs can be used to determine the maximum voltage change of any device in the
series over any specific temperature range. For example, a temperature change from 0 to
+50
°C will cause a voltage change no greater than +31 mV or – 31 mV for 1N821 or 1N821A,
as illustrated by the dashed lines in Figure 1. The boundaries given are maximum values. For
greater resolution, an expanded view of the center area in Figure 1a is shown in Figure 1b.
NOTE 4.
The maximum voltage change,
∆VZ, Figures 2 and 3 is due entirely to the impedance of the
device. If both temperature and IZT are varied, then the total voltage change may be obtained
by graphically adding
∆VZ in Figure 2 or 3 to the ∆VZ in Figure 1 for the device under consider-
ation. If the device is to be operated at some stable current other than the specified test cur-
rent, a new set of characteristics may be plotted by superimposing the data in Figure 2 or 3
on Figure 1. For a more detailed explanation see application note in later section.
NOTE 5.
Zener voltage limits at 25
°C measured with the test current (IZT) applied with the device junc-
tion in thermal equilibrium at an ambient temperature of 25
°C.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn