Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR502 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # FR502
Description  FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

FR502 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  FR502 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. FR502 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 13/12/2003
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, acompany
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
FR501 THRU FR507
FAST RECOVERY RECTIFIERS
Voltage – 50 to 1000 Volts
Current – 5.0 Amperes
Features
• Low forward voltage drop
• Low leakage
• High current capability
• High reliability
• High current surge
• Fast switching
Mechanical Data
• Case: Molded plastic.
• Lead: MIL-STD-202E, method 208C guaranteed.
• Mounting Position: Any.
Absolute Maximum Ratings and Characteristics @ 250C unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
1) test conditions: IF = 0.5A, IR = -1A, Irr = -0.25A.
2) Measured at 1MHZ and applied reverse voltage of 4 volts.
Symbols FR501 FR502 FR503 FR504 FR505 FR505P FR506 FR507
FR507
P
Units
Maximum recurrent peak reverse voltage
VRRM
50
100
200
400
600
600
800
1000
1000
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
420
560
700
700
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
800
`1000
1000
Volts
Maximum Average forward rectified current
at TA = 75
OC
IO
5.0
Amps
Peak forward surge current 8.3ms single half
sine-wave, superimposed on rated load (JEDEC
method)
IFSM
200
Amps
Typical junction capacitance (Note 2)
CJ
65
pF
Operating and storage temperature range
TJ ,TSTG
-65 to +150
OC
Maximum instantaneous forward voltage
At 3.0A DC
VF
1.3
Volts
Maximum DC reverse current
at rated DC blocking voltage
TA = 25
OC
IR
10
µA
Maximum reverse recovery time (Note 1)
Trr
150
250
150
500
250
nS
Maximum full load reverse current average
Full cycle 375° (9.5mm) lead length at TL = 55℃
IR
150
µA


Similar Part No. - FR502

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
FR502 EIC-FR502 Datasheet
65Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
Galaxy Semi-Conductor H...
FR502 BILIN-FR502 Datasheet
80Kb / 2P
   FAST RECOVERY RECTIFIER
logo
SynSemi, Inc.
FR502 SYNSEMI-FR502 Datasheet
39Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
Shanghai Lunsure Electr...
FR502 CHENYI-FR502 Datasheet
48Kb / 3P
   5 Amp fast recovery rectifier 50 to 1000 volts
logo
EIC discrete Semiconduc...
FR502 EIC-FR502 Datasheet
56Kb / 2P
   FAST RECOVERY
More results

Similar Description - FR502

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
JAN1N3891 MICROSEMI-JAN1N3891 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com