Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SMTR3338-43L Datasheet(PDF) 4 Page - Stealth Microwave, Inc.

Part No. SMTR3338-43L
Description  3.3-3.8 GHz Bi-Directional Power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Homepage  http://www.stealthmicrowave.com
Logo 

SMTR3338-43L Datasheet(HTML) 4 Page - Stealth Microwave, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SMTR3338-43L
3.3-3.8 GHz
Bi-Directional Power Amplifier
EVM MEASUREMENT - 35 dBm 802.16 64QAM
IE E E 802.16 - 2004
Frequency:
3.5 GHz
Signal Level Setting:
1.6 dBm
External A tt:
34.9 dB
Sweep Mode:
Continuous
Trigger Mode:
Power
Trigger Offset:
-10 µs
Burst Type:
OFDM DL Burst
Modulation:
64QA M3/4
No Of Data Symbols:
1/2425
Res ult Summary
No. of Bursts
6
*
Min
Mean
Limit
Max
Limit
Unit
EV M A ll Carriers
- 34.69
- 33.81
- 31.00
- 33.02
- 31.00
dB
EV M Data Carriers
- 34.76
- 33.82
- 33.00
dB
EV M Pilot Carriers
- 33.92
- 33.65
- 33.34
dB
IQ Offset
- 36.04
- 35.97
- 15.00
- 35.88
- 15.00
dB
Gain Imbalance
0.00
0.00
0.00
dB
Quadrature Error
0.000
0.000
0.000
°
Center Frequency Error
296.86
338.87
± 28000
377.29
± 28000
Hz
Clock Error
0.00
0.00
± 8
0.00
± 8 ppm
Burst Power
37.67
37.68
37.69
dBm
Crest Factor
7.06
7.07
7.09
dB
RSSI
5.56
5.70
5.71
dBm
RSSI Standard Deviation
- 0.65
dB
CINR
31.20
31.70
33.05
dB
CINR Standard Deviation
19.49
dB


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn