Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SMTR2425-11G38 Datasheet(PDF) 1 Page - Stealth Microwave, Inc.

Part No. SMTR2425-11G38
Description  2.4-2.5 GHz 6W Bi-Directional Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Homepage  http://www.stealthmicrowave.com
Logo 

SMTR2425-11G38 Datasheet(HTML) 1 Page - Stealth Microwave, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SMTR2425-11G38
2.4-2.5 GHz
6W Bi-Directional Power Amplifier
Transmit Path
Parameter
Specification
Frequency Range
2400-2500 MHz
802.11g Compliant
Power Out
+ 38 dBm / 6W (min)
Gain
26 dB
DC Input Voltage
+ 28 Volts
DC Input Current
(On Transmit)
2.1 A
(6W output)
Receive Path
Receive Gain
23 dB (can be adjusted
based on requirements)
DC Input Current
(On Recieve)
Approx 150 mA
Mechanical Dimensions
3.84 x 5.36 x .93 inches
RF Connectors
SMA Female
Weight
18 oz.
Operating Temperature
(Baseplate)
0ºC to +65ºC
(Extended range available)
Stealth Microwave’s SMTR2425-11G38 is
a solid state amplifier for use in 802.11g
WLAN systems. This SSPA utilizes state of
the art LDMOS FET transistors which
allow for more efficient operation while still
meeting
EVM
and
spectral
mask
requirements.
Designed
primarily
for
military use, the design can be applied for
various ISM band applications as well.
U
Features
• LED Tx/Rx mode status indicator
• +28V Power Supply
• Rugged Weatherproof Housing
• Various DC/RF connector options
available


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn