Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SMTR2425-11G30 Datasheet(PDF) 4 Page - Stealth Microwave, Inc.

Part No. SMTR2425-11G30
Description  2.4-2.5 GHz 1W Bi-Directional Power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Homepage  http://www.stealthmicrowave.com
Logo 

SMTR2425-11G30 Datasheet(HTML) 4 Page - Stealth Microwave, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SMTR2425-11G30
2.4-2.5 GHz
1W Bi-Directional Power Amplifier
TYPICAL ACP PERFORMANCE @ 30dBm 802.11g 54Mbps


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SMTR2425-11B402.4-2.5 GHz 10W Bi-Directional Power Amplifier 1 2 3 4 Stealth Microwave, Inc.
SMTR2425-11B40-22.4-2.5 GHz Bi-Directional Power Amplifier 1 2 3 Stealth Microwave, Inc.
SKY651522.4-2.5 GHz WLAN Power Amplifier 1 2 3 4 5 MoreSkyworks Solutions Inc.
SMTR1720-11G301.7-2.0 GHz 1 W Bi-Directional Power Amplifier 1 2 3 4 5 Stealth Microwave, Inc.
SMTR2224-11G40-RSS2.2-2.4 GHz 10W Bi-Directional Power Amplifier 1 2 3 4 5 MoreStealth Microwave, Inc.
SMTR2327-442.3-2.7 GHz Bi-Directional WiMAX Power Amplifier 1 2 3 4 5 Stealth Microwave, Inc.
FMPA21512.4-2.5 GHz and 4.9-5.9 GHz Dual Band Linear Power Amplifier Module 1 2 3 4 Fairchild Semiconductor
SST12LP002.4-2.5 GHz Power Amplifier 1 2 3 4 5 MoreSilicon Storage Technology, Inc
SST13LP012.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier 1 2 3 4 5 MoreSilicon Storage Technology, Inc
SST13LP022.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier 1 2 3 4 5 MoreSilicon Storage Technology, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn