Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SMTR2425-11B40 Datasheet(PDF) 4 Page - Stealth Microwave, Inc.

Part No. SMTR2425-11B40
Description  2.4-2.5 GHz 10W Bi-Directional Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Homepage  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SMTR2425-11B40 Datasheet(HTML) 4 Page - Stealth Microwave, Inc.

  SMTR2425-11B40 Datasheet HTML 1Page - Stealth Microwave, Inc. SMTR2425-11B40 Datasheet HTML 2Page - Stealth Microwave, Inc. SMTR2425-11B40 Datasheet HTML 3Page - Stealth Microwave, Inc. SMTR2425-11B40 Datasheet HTML 4Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
? Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
? Web site: www.stealthmicrowave.com
Model SMTR2425-11B40
2.4-2.5 GHz
10W Bi-Directional Power Amplifier
DIMENSIONS IN INCHES
Pin
Description
Values
RF INPUT
Input Connector (SMA Female)
Input range set per customer requirements ?
Typically +5 to +20dBm input
RF OUTPUT
Output Connector (SMA Female)
+40dBm
GND
Ground Turret
---
+12VDC
DC Input Voltage
+ 12 Volts @ 2.5 Amperes (typ.)
Specifications subject to change without notice.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn