Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SMTR2327-44 Datasheet(PDF) 1 Page - Stealth Microwave, Inc.

Part No. SMTR2327-44
Description  2.3-2.7 GHz Bi-Directional WiMAX Power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Homepage  http://www.stealthmicrowave.com
Logo 

SMTR2327-44 Datasheet(HTML) 1 Page - Stealth Microwave, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SMTR2327-44
2.3-2.7 GHz
Bi-Directional WiMAX Power Amplifier
Transmit Path
Specification
Parameter
Min
Typ
Max
Unit
Frequency Range
2300
-
2700
MHz
802.16e Power Out
35
36.5
dBm
EVM at 35dBm
-33
dB
Gain
50 ± 1
dB
Gain Flatness
± 0.5
dB
Input Return Loss
-14
-18
dB
DC Input Voltage
10
12
13
V
Current Draw (RMS)
4.5
A
Receive Path
Gain
20 ± 1
dB
P1dB
5
dBm
Noise Figure
3
dB
Input Return Loss
-14
dB
Current Draw
110
mA
Mechanical Dimensions
9.5 x 4.0 x 1.22 inches
RF Connectors
SMA Female
Weight
1 lb. 4 oz.
Operating Temperature
(Baseplate)
-10ºC to +70ºC
Stealth Microwave’s SMTR2327-44 is a
solid state bi-directional amplifier for use in
802.16e TDD products and systems. This
compact, high linearity PA can easily be
integrated into both BTS or CPE devices,
and exhibits excellent uplink and downlink
performance. Typical output power for
802.16e is 35-36 dBm meeting EVM and
spectral mask requirements.
U
Features
• Auto (RF Tx Detect) or Manual
(TTL) Tx/Rx Switching
• Integral receive filter
• Various RF connector and housing
options available


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn