Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM08790-51LD Datasheet(PDF) 3 Page - Stealth Microwave, Inc.

Part # SM08790-51LD
Description  870 - 900 MHz 120 Watt Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Direct Link  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM08790-51LD Datasheet(HTML) 3 Page - Stealth Microwave, Inc.

  SM08790-51LD Datasheet HTML 1Page - Stealth Microwave, Inc. SM08790-51LD Datasheet HTML 2Page - Stealth Microwave, Inc. SM08790-51LD Datasheet HTML 3Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM08790-51LD
870 – 900 MHz
120 Watt Power Amplifier
A2
A1
J1 CONNECTOR PINOUT
Pin
Description
Values
RF INPUT
Input Connector ( SMA Female )
+8 dBm (max.)
RF OUTPUT
Output Connector (SMA Female)
+ 51 dBm @ P1dB (typ.)
A1
+VDC
+28V
A2
GND
--
1
TTL On/Off`
+5V = on / 0V = off (if equipped)
2
Reflected power detection
Set to 3.35 V @ 40dBm of CW reflected power
Detector Slope: 60 mV / dB
3
GND
--
4
Temp
Temp in deg C = (Voltage on pin - .500)*100
e.g. .90 V = 40 deg C
5
Forward Power Detection
Set to 4.00 V @ 51dBm of CW output power into 50
Detector Slope: 60 mV / dB
Current Draw vs. Power Out
0
1
2
3
4
5
6
7
8
9
Power (dBm)
870 MHz
885 MHz
900 MHz
870 MHz
1.25
1.75
2.7
4.5
7.95
885 MHz
1.3
1.75
2.75
4.55
8
900 MHz
1.31.752.7
4.45
7.7
30
35
40
45
50


Similar Part No. - SM08790-51LD

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM08790-45LDL STEALTH_MICROWAVE-SM08790-45LDL Datasheet
160Kb / 2P
   869-896 MHz 30 Watt Linear Power Amplifier
SM08790-47 STEALTH_MICROWAVE-SM08790-47 Datasheet
176Kb / 3P
   869-900 MHz 50 Watt Linear Power Amplifier
SM08790-47L STEALTH_MICROWAVE-SM08790-47L Datasheet
123Kb / 2P
   870-900MHz 50 Watt Linear Power Amplifier
SM08790-47LDL STEALTH_MICROWAVE-SM08790-47LDL Datasheet
114Kb / 2P
   869-896 MHz 50 Watt Linear Power Amplifier
More results

Similar Description - SM08790-51LD

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM09093-51LD STEALTH_MICROWAVE-SM09093-51LD Datasheet
150Kb / 3P
   900 - 930 MHz 120 Watt Power Amplifier
SM08590-45LD STEALTH_MICROWAVE-SM08590-45LD Datasheet
221Kb / 3P
   850-900 MHz 30 Watt Linear Power Amplifier
SM08790-47 STEALTH_MICROWAVE-SM08790-47 Datasheet
176Kb / 3P
   869-900 MHz 50 Watt Linear Power Amplifier
SM08010-51LD STEALTH_MICROWAVE-SM08010-51LD Datasheet
150Kb / 3P
   800 - 1000 MHz 120 Watt Power Amplifier
SM09296-51LD STEALTH_MICROWAVE-SM09296-51LD Datasheet
153Kb / 3P
   920 - 960 MHz 120 Watt Power Amplifier
logo
Skyworks Solutions Inc.
AP147-320 SKYWORKS-AP147-320 Datasheet
1Mb / 11P
   ISM 900 MHz Band 2-Watt InGaP HBT Power Amplifier
logo
Synaptics Incorporated.
RF106 CONEXANT-RF106 Datasheet
64Kb / 6P
   RF106 900 MHz Power Amplifier
logo
Stealth Microwave, Inc.
SM08790-47L STEALTH_MICROWAVE-SM08790-47L Datasheet
123Kb / 2P
   870-900MHz 50 Watt Linear Power Amplifier
logo
Skyworks Solutions Inc.
ACA2604 SKYWORKS-ACA2604 Datasheet
1Mb / 16P
   870 MHz FTTx RF Amplifier
logo
Motorola, Inc
MRFIC0912 MOTOROLA-MRFIC0912 Datasheet
120Kb / 6P
   900 MHz GaAs INTEGRATED POWER AMPLIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com