Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P5V6FB1 Datasheet(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

Part # P5V6FB1
Description  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

P5V6FB1 Datasheet(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  P5V6FB1 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. P5V6FB1 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. P5V6FB1 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Dated : 12/06/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
P...FB Series
Characteristics at Ta = 25 OC
Zener Voltage
Dynamic Impedance
Reverse Current
VZ (V)
1)
ZZ (Ω)
2)
IR (µA)
Type
Min.
Max.
lZ (mA)
Max.
lZ (mA)
Max.
VR (V)
P12FB1
11.19
11.77
P12FB2
11.5
12.09
P12FB3
11.8
12.41
20
8
20
10
8
P13FB1
12.19
12.85
P13FB2
12.63
13.3
P13FB3
13.11
13.83
20
10
20
10
10
P15FB1
13.55
14.28
P15FB2
14.05
14.77
P15FB3
14.52
15.26
20
10
20
10
11
P16FB1
14.98
15.75
P16FB2
15.44
16.23
P16FB3
15.89
16.71
20
12
20
10
12
P18FB1
16.37
17.27
P18FB2
17.03
17.91
P18FB3
17.64
18.55
20
12
20
10
13
P20FB1
18.26
19.21
P20FB2
18.93
19.91
P20FB3
19.59
20.84
20
14
20
10
15
P22FB1
20.45
21.51
P22FB2
21.10
22.18
P22FB3
21.75
22.86
10
14
10
10
17
P24FB1
22.44
23.59
P24FB2
23.17
24.36
P24FB3
23.9
25.14
10
16
10
10
19
P27FB1
24.63
26.1
P27FB2
25.7
27.12
P27FB3
26.72
28.43
10
16
10
10
21
P30FB1
27.43
29.09
P30FB2
28.64
30.1
P30FB3
29.57
31.26
10
18
10
10
23
P33FB1
30.35
31.97
P33FB2
31.49
33.06
P33FB3
32.39
34.15
10
18
10
10
25
P36FB1
33.24
34.94
P36FB2
34.26
36.01
P36FB3
35.19
37.01
10
20
10
10
27
P39FB1
36.11
38
P39FB2
37.14
39.04
P39FB3
38.13
40.8
10
20
10
10
30
P43FB
40
45
10
50
10
5
33
P47FB
44
49
10
50
10
5
36
P51FB
48
54
10
50
10
5
39
1) Tested with pulse (20 ms).
N
2) Z
Z is measured at IZ given a very small A.C. Current Signal.


Similar Part No. - P5V6FB1

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
P5V6B SEMTECH-P5V6B Datasheet
111Kb / 2P
   Silicon Planar Power Zener Diodes?
More results

Similar Description - P5V6FB1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com