Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


4V7BSB Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part No. 4V7BSB
Description  SILICON PLANAR ZENER DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Homepage  http://www.semtech.net.cn
Logo 

   
 2 page
background image
Dated : 25/06/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BS Series
Characteristics at Ta = 25 OC
Zener Voltage
1)
Maximum Dynamic
Resistance
Reverse Leakage
Current
2) (I
R at VR)
Type
Min. (V)
Max. (V)
lZT (mA)
(Ω) at
lZT
lZT (mA)
IR (µA) Max.
VR (V)
2V0BS
1.88
2.2
2V0BSA
1.88
2.1
2V0BSB
2.02
2.2
5
100
5
120
0.5
2V2BS
2.12
2.41
2V2BSA
2.12
2.3
2V2BSB
2.22
2.41
5
100
5
120
0.7
2V4BS
2.33
2.63
2V4BSA
2.33
2.52
2V4BSB
2.43
2.63
5
100
5
120
1
2V7BS
2.54
2.91
2V7BSA
2.54
2.75
2V7BSB
2.69
2.91
5
110
5
100
1
3V0BS
2.85
3.22
3V0BSA
2.85
3.07
3V0BSB
3.01
3.22
5
120
5
50
1
3V3BS
3.16
3.53
3V3BSA
3.16
3.38
3V3BSB
3.32
3.53
5
120
5
20
1
3V6BS
3.47
3.83
3V6BSA
3.47
3.68
3V6BSB
3.62
3.83
5
120
5
10
1
3V9BS
3.77
4.14
3V9BSA
3.77
3.98
3V9BSB
3.92
4.14
5
120
5
5
1
4V3BS
4.05
4.53
4V3BSA
4.05
4.26
4V3BSB
4.2
4.4
4V3BSC
4.34
4.53
5
120
5
5
1
4V7BS
4.47
4.91
4V7BSA
4.47
4.65
4V7BSB
4.59
4.77
4V7BSC
4.71
4.91
5
100
5
5
1
5V1BS
4.85
5.35
5V1BSA
4.85
5.03
5V1BSB
4.97
5.18
5V1BSC
5.12
5.35
5
70
5
5
1.5
1) Tested with pulse tp = 20 ms.
2) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BZX84CSILICON PLANAR ZENER DIODES 1 2 3 SEMTECH ELECTRONICS LTD.
BZV85CSILICON PLANAR POWER ZENER DIODES 1 2 3 SEMTECH ELECTRONICS LTD.
BZX55T2V4SILICON EPITAXIAL PLANAR ZENER DIODES 1 2 3 4 SEMTECH ELECTRONICS LTD.
BZT2V0SILICON PLANAR ZENER DIODES 1 2 SEMTECH ELECTRONICS LTD.
BZX15CSILICON PLANAR ZENER DIODES 1 2 Semtech Corporation
ZS3C-1SILICON PLANAR ZENER DIODES 1 SEMTECH ELECTRONICS LTD.
BZX79CSILICON PLANAR ZENER DIODES 1 2 3 SEMTECH ELECTRONICS LTD.
BZX83CSILICON EPITAXIAL PLANAR ZENER DIODES 1 2 SEMTECH ELECTRONICS LTD.
BZT55C2V4SILICON EPITAXIAL PLANAR ZENER DIODES 1 2 3 4 5 SEMTECH ELECTRONICS LTD.
BZT52C3V0Surface mount Silicon Planar Zener Diodes Silizium-Planar-Zener-Dioden fur die Oberflahenmontage 1 2 Diotec Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl