Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN55LVDS32 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN55LVDS32
Description  HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN55LVDS32 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN55LVDS32 Datasheet HTML 6Page - Texas Instruments SN55LVDS32 Datasheet HTML 7Page - Texas Instruments SN55LVDS32 Datasheet HTML 8Page - Texas Instruments SN55LVDS32 Datasheet HTML 9Page - Texas Instruments SN55LVDS32 Datasheet HTML 10Page - Texas Instruments SN55LVDS32 Datasheet HTML 11Page - Texas Instruments SN55LVDS32 Datasheet HTML 12Page - Texas Instruments SN55LVDS32 Datasheet HTML 13Page - Texas Instruments SN55LVDS32 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
SN55LVDS32, SN65LVDS32, SN65LVDS3486, SN65LVDS9637
HIGHSPEED DIFFERENTIAL LINE RECEIVERS
SLLS262N − JULY 1997 − REVISED MARCH 2004
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
B
A
G
G
VO
±
500
VTEST
10 pF
(see Note B)
1.2 V
tPZL
tPLZ
tPZL
tPLZ
tPZH
tPHZ
tPZH
tPHZ
2.5 V
1 V
2 V
1.4 V
0.8 V
2 V
1.4 V
0.8 V
2.5 V
1.4 V
VOL + 0.5 V
VOL
0
1.4 V
2 V
1.4 V
0.8 V
2 V
1.4 V
0.8 V
VOH
VOH − 0.5 V
1.4 V
0
VTEST
A
G, 1,2EN,
or 3,4EN
G
Y
VTEST
A
G
Y
Inputs
(see Note A)
1,2EN or 3,4EN
G, 1,2EN,
or 3,4EN
NOTES: A. All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1 ns, pulse repetition rate
(PRR) = 0.5 Mpps, pulse width = 500
± 10 ns.
B. CL includes instrumentation and fixture capacitance within 6 mm of the D.U.T.
Figure 4. Enable- and Disable-Time Test Circuit and Waveforms


Similar Part No. - SN55LVDS32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55LVDS32 TI-SN55LVDS32 Datasheet
1,017Kb / 31P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN55LVDS32 TI-SN55LVDS32 Datasheet
319Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN55LVDS32 TI-SN55LVDS32 Datasheet
1Mb / 35P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN55LVDS32 TI-SN55LVDS32 Datasheet
1Mb / 35P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN55LVDS32-SP TI1-SN55LVDS32-SP Datasheet
383Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVER
More results

Similar Description - SN55LVDS32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE RECEIVERS
May 2003
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
logo
Texas Instruments
SN65LVDS390 TI-SN65LVDS390 Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
   High speed differential line receivers
logo
Texas Instruments
SN65LVDS386 TI-SN65LVDS386_07 Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS388 TI-SN65LVDS388 Datasheet
204Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com