Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4V7HC Datasheet(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

Part No. 4V7HC
Description  SILICON PLANAR ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

4V7HC Datasheet(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  4V7HC Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 4V7HC Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 4V7HC Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. 4V7HC Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Dated : 22/06/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
HC Series
Characteristics at Tj = 25 OC
Zener Voltage
1)
Dynamic Resistance
Reverse Leakage Current (IR at VR)
Type
Min. (V)
Max. (V)
lZT (mA)
(Ω) Max. at lZT
lZT (mA)
IR (µA) Max.
VR (V)
6V2HC
5.8
6.6
6V2HCA
5.81
6.06
6V2HCB
5.99
6.24
6V2HCC
6.16
6.4
20
10
20
5
3
6V8HC
6.4
7.2
6V8HCA
6.32
6.59
6V8HCB
6.52
6.79
6V8HCC
6.7
6.97
20
8
20
2
3.5
7V5HC
7
7.9
7V5HCA
6.88
7.19
7V5HCB
7.11
7.41
7V5HCC
7.33
7.64
20
8
20
0.5
4
8V2HC
7.7
8.7
8V2HCA
7.56
7.9
8V2HCB
7.82
8.15
8V2HCC
8.07
8.41
20
8
20
0.5
5
9V1HC
8.5
9.6
9V1HCA
8.33
8.7
9V1HCB
8.61
8.99
9V1HCC
8.89
9.29
20
8
20
0.5
6
10HC
9.4
10.9
10HCA
9.19
9.59
10HCB
9.48
9.9
10HCC
9.82
10.3
20
8
20
0.2
7
11HC
10.4
11.6
11HCA
10.18
10.63
11HCB
10.5
10.95
11HCC
10.82
11.26
10
10
10
0.2
8
12HC
11.4
12.6
12HCA
11.13
11.63
12HCB
11.5
11.92
12HCC
11.8
12.3
10
12
10
0.2
9
13HC
12.4
14.1
13HCA
12.18
12.71
13HCB
12.59
13.16
13HCC
13.03
13.62
10
14
10
0.2
10
15HC
13.8
15.6
15HCA
13.48
14.09
15HCB
13.95
14.56
15HCC
14.42
15.52
10
16
10
0.2
11
1) Tested with pulse tp = 20 ms.


Similar Part No. - 4V7HC

ManufacturerPart No.DatasheetDescription
SEMTECH ELECTRONICS LTD.
SEMTECH ELECTRONICS LTD...
4V7HS SEMTECH_ELEC-4V7HS Datasheet
273Kb / 5P
   SILICON PLANAR ZENER DIODES
4V7HSA SEMTECH_ELEC-4V7HSA Datasheet
273Kb / 5P
   SILICON PLANAR ZENER DIODES
4V7HSB SEMTECH_ELEC-4V7HSB Datasheet
273Kb / 5P
   SILICON PLANAR ZENER DIODES
4V7HSC SEMTECH_ELEC-4V7HSC Datasheet
273Kb / 5P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - 4V7HC

ManufacturerPart No.DatasheetDescription
Chongqing Pingwei Enterprise co.,Ltd
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
SEMTECH ELECTRONICS LTD.
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
2V0BS SEMTECH_ELEC-2V0BS Datasheet
350Kb / 6P
   SILICON PLANAR ZENER DIODES
BZT2.0HS SEMTECH_ELEC-BZT2.0HS Datasheet
362Kb / 5P
   SILICON PLANAR ZENER DIODES
Semtech Corporation
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
General Semiconductor
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
GOOD-ARK Electronics
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
Zowie Technology Corporation
Zowie Technology Corpor...
MM3Z5221BH ZOWIE-MM3Z5221BH Datasheet
190Kb / 3P
   SILICON PLANAR ZENER DIODES
Shenzhen Jin Yu Semiconductor Co., Ltd.
Shenzhen Jin Yu Semicon...
MM3Z2V2B HTSEMI-MM3Z2V2B Datasheet
675Kb / 4P
   Silicon Planar Zener Diodes
MM1Z2V0 HTSEMI-MM1Z2V0 Datasheet
236Kb / 4P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz