Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN55LBC174FK Datasheet(PDF) 3 Page - Texas Instruments

Part # SN55LBC174FK
Description  QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN55LBC174FK Datasheet(HTML) 3 Page - Texas Instruments

  SN55LBC174FK Datasheet HTML 1Page - Texas Instruments SN55LBC174FK Datasheet HTML 2Page - Texas Instruments SN55LBC174FK Datasheet HTML 3Page - Texas Instruments SN55LBC174FK Datasheet HTML 4Page - Texas Instruments SN55LBC174FK Datasheet HTML 5Page - Texas Instruments SN55LBC174FK Datasheet HTML 6Page - Texas Instruments SN55LBC174FK Datasheet HTML 7Page - Texas Instruments SN55LBC174FK Datasheet HTML 8Page - Texas Instruments SN55LBC174FK Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SN55LBC174
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SGLS082 – MARCH 1995
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage range, VCC (see Note 1)
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO
– 10 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous power dissipation
internally limited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ The maximum operating junction temperature is internally limited. Use the dissipation rating table to operate below this temperature.
NOTE 1: All voltage values are with respect to GND.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 125°C
POWER RATING
FK
1375 mW
11.0 mW/
°C
275 mW
J
1375 mW
11.0 mW/
°C
275 mW
W
1000 mW
8.0 mW/
°C
200 mW
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.25
V
High-level input voltage, VIH
2
V
Low-level input voltage, VIL
0.8
V
Voltage at any bus terminal (separately or common mode) VO
YorZ
12
V
Voltage at any bus terminal (separately or common mode), VO
Y or Z
–7
V
High-level output current, IOH
Y or Z
–60
mA
Low-level output current, IOL
Y or Z
60
mA
Operating free-air temperature, TA
–55
125
°C


Similar Part No. - SN55LBC174FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55LBC174 TI1-SN55LBC174 Datasheet
305Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC174 TI1-SN55LBC174 Datasheet
1Mb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS
SN55LBC174J TI1-SN55LBC174J Datasheet
305Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC174 TI1-SN55LBC174_14 Datasheet
305Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
More results

Similar Description - SN55LBC174FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55LBC172 TI-SN55LBC172_07 Datasheet
392Kb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC172 TI-SN55LBC172 Datasheet
177Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN65LBC172 TI-SN65LBC172 Datasheet
157Kb / 11P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN65LBC172 TI1-SN65LBC172_16 Datasheet
1Mb / 18P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC174 TI1-SN55LBC174_14 Datasheet
305Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN75174 TI-SN75174 Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com