Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75ALS195N Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS195N
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS195N Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75ALS195N Datasheet HTML 2Page - Texas Instruments SN75ALS195N Datasheet HTML 3Page - Texas Instruments SN75ALS195N Datasheet HTML 4Page - Texas Instruments SN75ALS195N Datasheet HTML 5Page - Texas Instruments SN75ALS195N Datasheet HTML 6Page - Texas Instruments SN75ALS195N Datasheet HTML 7Page - Texas Instruments SN75ALS195N Datasheet HTML 8Page - Texas Instruments SN75ALS195N Datasheet HTML 9Page - Texas Instruments SN75ALS195N Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SN55ALS195, SN75ALS195
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SLLS010D – JUNE 1986 – REVISED MAY 1995
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VOLTAGE WAVEFORMS
TEST CIRCUIT
tPZL
tPZL
VOL
1.5 V
4.5 V
0 V
1.5 V
3 V
Input
Output
SW1 to – 2.5 V
SW2 Closed
SW3 Open
tPLZ
tPLZ
Input
Output
3 V
1.5 V
0 V
0.5 V
1.4 V
VOL
VOH
tPHZ
tPHZ
0.5 V
1.5 V
3 V
0 V
1.4 V
Input
Output
tPZH
tPZH
SW1 to 2.5 V
SW2 Open
SW3 Closed
3 V
1.5 V
0 V
VOH
0 V
1.5 V
Input
Output
SW2
See Note C
2 k
5 k
SW3
(see Note B)
CL = 15 pF
Output
5 V
2.5 V
– 2.5 V
SW1
51
Generator
(see Note A)
SW1 to 2.5 V
SW2 Closed
SW3 Closed
SW1 to – 2.5 V
SW2 Closed
SW3 Closed
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, duty cycle ≤ 50%, ZO = 50 Ω,
tr ≤ 6 ns, tf ≤ 6 ns.
B. CL includes probe and jig capacitance.
C. All diodes are 1N3064 or equivalent.
Figure 3. Test Circuit and Voltage Waveforms


Similar Part No. - SN75ALS195N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS195N TI1-SN75ALS195N Datasheet
415Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN75ALS195N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_06 Datasheet
541Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55173 TI-SN55173 Datasheet
155Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI1-AM26LS32AC_16 Datasheet
1Mb / 27P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55173 TI1-SN55173_15 Datasheet
791Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175 TI-SN65175_06 Datasheet
431Kb / 16P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175 TI-SN65175 Datasheet
152Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI1-SN55ALS195_14 Datasheet
415Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com