Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN55LBC175 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part No. SN55LBC175
Description  QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN55LBC175 Datasheet(HTML) 3 Page - Texas Instruments

  SN55LBC175 Datasheet HTML 1Page - Texas Instruments SN55LBC175 Datasheet HTML 2Page - Texas Instruments SN55LBC175 Datasheet HTML 3Page - Texas Instruments SN55LBC175 Datasheet HTML 4Page - Texas Instruments SN55LBC175 Datasheet HTML 5Page - Texas Instruments SN55LBC175 Datasheet HTML 6Page - Texas Instruments SN55LBC175 Datasheet HTML 7Page - Texas Instruments SN55LBC175 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SN55LBC175
QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVER
SGLS083 – MARCH 1995
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC (see Note 1)
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, A or B inputs, VI
±25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID (see Note 2)
±25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Data and control voltage range
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to GND.
2. Differential input voltage is measured at the noninverting input with respect to the corresponding inverting input.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 125°C
POWER RATING
FK
1375 mW
11.0 mW/
°C
275 mW
J
1375 mW
11.0 mW/
°C
275 mW
W
1000 mW
8.0 mW/
°C
200 mW
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.25
V
Common-mode input voltage, VIC
–7
12
V
Differential input voltage, VID
±6
V
High-level input voltage, VIH
EN inputs
2
V
Low-level input voltage, VIL
EN inputs
0.8
V
High-level output current, IOH
–8
mA
Low-level output current, IOL
16
mA
Operating free-air temperature, TA
–55
125
°C


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN55LBC174 QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
SN75ALS193 QUADRUPLE DIFFERENTIAL LINE RECEIVER 1  2  3  4  5  More Texas Instruments
SN75ALS197 QUADRUPLE DIFFERENTIAL LINE RECEIVER 1  2  3  4  5  More Texas Instruments
SN75ALS199 QUADRUPLE DIFFERENTIAL LINE RECEIVER 1  2  3  4  5  More Texas Instruments
MC3486 QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
SN75LBC179 LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS 1  2  3  4  5  More Texas Instruments
M5A26LS32AP QUADRUPLE DIFFERENTIAL LINE RECEIVER 1  2  3  4  5  More Mitsubishi Electric Semiconductor
AM26LV32 LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER 1  2  3  4  5  More Texas Instruments
SN65LBC172 QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
SN65LBC173 QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn