Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN55LBC175 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part No. SN55LBC175
Description  QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN55LBC175 Datasheet(HTML) 2 Page - Texas Instruments

  SN55LBC175 Datasheet HTML 1Page - Texas Instruments SN55LBC175 Datasheet HTML 2Page - Texas Instruments SN55LBC175 Datasheet HTML 3Page - Texas Instruments SN55LBC175 Datasheet HTML 4Page - Texas Instruments SN55LBC175 Datasheet HTML 5Page - Texas Instruments SN55LBC175 Datasheet HTML 6Page - Texas Instruments SN55LBC175 Datasheet HTML 7Page - Texas Instruments SN55LBC175 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SN55LBC175
QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVER
SGLS083 – MARCH 1995
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic symbol
2B
2A
1B
1A
1, 2EN
2Y
1Y
5
3
7
6
1
2
4
EN
4B
4A
3B
3A
3, 4EN
4Y
3Y
13
11
15
14
9
10
12
EN
Pin numbers shown are for the J or W package.
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
logic diagram (positive logic)
2Y
1Y
5
3
7
6
1
2
4
2B
2A
1B
1A
1, 2EN
4Y
3Y
13
11
15
14
9
10
12
4B
4A
3B
3A
3, 4EN
schematics of inputs and outputs
TYPICAL OF ALL OUTPUTS
VCC
Y Output
EQUIVALENT OF A AND B INPUTS
12 k
3 k
18 k
1 k
VCC
Input
100 k
A Only
100 k
B Only
Input
VCC
TYPICAL OF EN INPUT


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN55LBC174 QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
SN75ALS193 QUADRUPLE DIFFERENTIAL LINE RECEIVER 1  2  3  4  5  More Texas Instruments
SN75ALS197 QUADRUPLE DIFFERENTIAL LINE RECEIVER 1  2  3  4  5  More Texas Instruments
SN75ALS199 QUADRUPLE DIFFERENTIAL LINE RECEIVER 1  2  3  4  5  More Texas Instruments
MC3486 QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
SN75LBC179 LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS 1  2  3  4  5  More Texas Instruments
M5A26LS32AP QUADRUPLE DIFFERENTIAL LINE RECEIVER 1  2  3  4  5  More Mitsubishi Electric Semiconductor
AM26LV32 LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER 1  2  3  4  5  More Texas Instruments
SN65LBC172 QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
SN65LBC173 QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn