Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN55LBC175 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part No. SN55LBC175
Description  QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN55LBC175 Datasheet(HTML) 4 Page - Texas Instruments

  SN55LBC175 Datasheet HTML 1Page - Texas Instruments SN55LBC175 Datasheet HTML 2Page - Texas Instruments SN55LBC175 Datasheet HTML 3Page - Texas Instruments SN55LBC175 Datasheet HTML 4Page - Texas Instruments SN55LBC175 Datasheet HTML 5Page - Texas Instruments SN55LBC175 Datasheet HTML 6Page - Texas Instruments SN55LBC175 Datasheet HTML 7Page - Texas Instruments SN55LBC175 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SN55LBC175
QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVER
SGLS083 – MARCH 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIT + Positive-going input threshold voltage
IO = – 8 mA
0.2
V
VIT – Negative-going input threshold voltage
IO =16 mA
– 0.2
V
Vhys Hysteresis voltage ( VIT + – VIT – )
45
mV
VIK
Enable input clamp voltage
II = – 18 mA
– 0.9
– 1.5
V
VOH
High-level output voltage
VID = 200 mV,
IOH = – 8 mA
3.5
4.5
V
VOL
Low level output voltage
VID = – 200 mV,
IOL = 16 mA
0.3
0.5
V
VOL
Low-level output voltage
VID = – 200 mV,
IOL = 16 mA,TA = 125°C
0.7
V
IOZ
High-impedance-state output current
VO = 0 V to VCC
±20
µA
VIH = 12 V,
VCC = 5 V, Other inputs at 0 V
0.7
1
II
Bus input current
A or B
VIH = 12 V,
VCC = 0 V, Other inputs at 0 V
0.8
1
mA
II
Bus input current
inputs
VIH = – 7 V,
VCC = 5 V, Other inputs at 0 V
– 0.5
– 0.8
mA
VIH = – 7 V,
VCC = 0 V, Other inputs at 0 V
– 0.4
– 0.8
IIH
High-level enable input current
VIH = 5 V
±20
µA
IIL
Low-level enable input current
VIL = 0 V
–20
µA
IOS
Short-circuit output
current
VO = 0
–80
– 120
mA
ICC
Supply current
Outputs enabled,
IO = 0,
VID = 5 V
11
20
mA
ICC
Supply current
Outputs disabled
0.9
1.4
mA
† All typical values are at VCC = 5 V and TA = 25°C.
switching characteristics, VCC = 5 V, CL = 15 pF
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
tPHL
Propagation delay time high to low level output
VID = – 1.5 V to 1.5 V,
25
°C
11
22
30
ns
tPHL
Propagation delay time, high- to low-level output
ID
,
See Figure 1
–55
°C to 125°C
35
ns
tPLH
Propagation delay time low to high level output
VID = – 1.5 V to 1.5 V,
25
°C
11
22
30
ns
tPLH
Propagation delay time, low- to high-level output
ID
,
See Figure 1
–55
°C to 125°C
35
ns
tPZH
Output enable time to high level
See Figure 2
25
°C
17
40
ns
tPZH
Output enable time to high level
See Figure 2
–55
°C to 125°C
45
ns
tPZL
Output enable time to low level
See Figure 3
25
°C
18
30
ns
tPZL
Output enable time to low level
See Figure 3
–55
°C to 125°C
35
ns
tPHZ
Output disable time from high level
See Figure 2
25
°C
30
40
ns
tPHZ
Output disable time from high level
See Figure 2
–55
°C to 125°C
55
ns
tPLZ
Output disable time from low level
See Figure 3
25
°C
23
30
ns
tPLZ
Output disable time from low level
See Figure 3
–55
°C to 125°C
45
ns
t k( )
Pulse skew (|tPHL tPLH|)
See Figure 1
25
°C
4
6
ns
tsk(p)
Pulse skew (|tPHL – tPLH|)
See Figure 1
–55
°C to 125°C
7
ns
tt
Transition time
See Figure 1
25
°C
3
10
ns
tt
Transition time
See Figure 1
–55
°C to 125°C
16
ns


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN55LBC174 QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
SN75ALS193 QUADRUPLE DIFFERENTIAL LINE RECEIVER 1  2  3  4  5  More Texas Instruments
SN75ALS197 QUADRUPLE DIFFERENTIAL LINE RECEIVER 1  2  3  4  5  More Texas Instruments
SN75ALS199 QUADRUPLE DIFFERENTIAL LINE RECEIVER 1  2  3  4  5  More Texas Instruments
MC3486 QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
SN75LBC179 LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS 1  2  3  4  5  More Texas Instruments
M5A26LS32AP QUADRUPLE DIFFERENTIAL LINE RECEIVER 1  2  3  4  5  More Mitsubishi Electric Semiconductor
AM26LV32 LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER 1  2  3  4  5  More Texas Instruments
SN65LBC172 QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
SN65LBC173 QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn