Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5819 Datasheet(PDF) 5 Page - Motorola, Inc

Part # 1N5819
Description  SCHOTTKY BARRIER RECTIFIERS 1 AMPERE 20, 30 and 40 VOLTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1N5819 Datasheet(HTML) 5 Page - Motorola, Inc

  1N5819 Datasheet HTML 1Page - Motorola, Inc 1N5819 Datasheet HTML 2Page - Motorola, Inc 1N5819 Datasheet HTML 3Page - Motorola, Inc 1N5819 Datasheet HTML 4Page - Motorola, Inc 1N5819 Datasheet HTML 5Page - Motorola, Inc 1N5819 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1N5817 1N5818 1N5819
5
Rectifier Device Data
NOTE 4 — HIGH FREQUENCY OPERATION
Since current flow in a Schottky rectifier is the result of majority carri-
er conduction, it is not subject to junction diode forward and reverse re-
covery transients due to minority carrier injection and stored charge.
Satisfactory circuit analysis work may be performed by using a model
consisting of an ideal diode in parallel with a variable capacitance. (See
Figure 10.)
Rectification efficiency measurements show that operation will be
satisfactory up to several megahertz. For example, relative waveform
rectification efficiency is approximately 70 percent at 2.0 MHz, e.g., the
ratio of dc power to RMS power in the load is 0.28 at this frequency,
whereas perfect rectification would yield 0.406 for sine wave inputs.
However, in contrast to ordinary junction diodes, the loss in waveform
efficiency is not indicative of power loss: it is simply a result of reverse
current flow through the diode capacitance, which lowers the dc output
voltage.
10
20
0.8
70
200
100
50
30
20
10
6.0
4.0
2.0
1.0
0.6
8.0
0.4
40
VR, REVERSE VOLTAGE (VOLTS)
Figure 10. Typical Capacitance
TJ = 25°C
f = 1.0 MHz
1N5819
1N5818
1N5817


Similar Part No. - 1N5819

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
1N5819 STANSON-1N5819 Datasheet
67Kb / 1P
   SCHOTTKY BARRIER RECTIFIERS
logo
Jinan Jingheng (Group) ...
1N5819 JINANJINGHENG-1N5819 Datasheet
65Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
List of Unclassifed Man...
1N5819 ETC2-1N5819 Datasheet
329Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
1N5819 PANJIT-1N5819 Datasheet
98Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere)
logo
SeCoS Halbleitertechnol...
1N5819 SECOS-1N5819 Datasheet
190Kb / 2P
   VOLTAGE 20V ~ 40V 1.0AMP Schottky Barrier Rectifiers
More results

Similar Description - 1N5819

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N5817 SURGE-1N5817 Datasheet
66Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere?
logo
Motorola, Inc
1N5820 MOTOROLA-1N5820 Datasheet
168Kb / 6P
   SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40 VOLTS
logo
Surge Components
1N5820 SURGE-1N5820 Datasheet
76Kb / 2P
   3 AMPERE SCHOTTKY BARRIER RECTIFIERS VOLTAGE - 20 to 40 Volts CURRENT - 3.0 Ampere???
logo
Pan Jit International I...
1N5817 PANJIT-1N5817 Datasheet
98Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere)
1S2 PANJIT-1S2 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere)
SB120S PANJIT-SB120S Datasheet
46Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere)
logo
Fairchild Semiconductor
MBR4035PT FAIRCHILD-MBR4035PT Datasheet
35Kb / 3P
   40 Ampere Schottky Barrier Rectifiers
logo
Motorola, Inc
MBR330 MOTOROLA-MBR330 Datasheet
121Kb / 6P
   SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40, 50, 60 VOLTS
logo
Fairchild Semiconductor
MBR2535CT FAIRCHILD-MBR2535CT Datasheet
35Kb / 3P
   30 Ampere Schottky Barrier Rectifiers
logo
Yea Shin Technology Co....
MBR3020CT YEASHIN-MBR3020CT Datasheet
1Mb / 4P
   30 AMPERE SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com