Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75114J Datasheet(PDF) 9 Page - Texas Instruments

Part # SN75114J
Description  DUAL DIFFERENTIAL LINE DRIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75114J Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN75114J Datasheet HTML 5Page - Texas Instruments SN75114J Datasheet HTML 6Page - Texas Instruments SN75114J Datasheet HTML 7Page - Texas Instruments SN75114J Datasheet HTML 8Page - Texas Instruments SN75114J Datasheet HTML 9Page - Texas Instruments SN75114J Datasheet HTML 10Page - Texas Instruments SN75114J Datasheet HTML 11Page - Texas Instruments SN75114J Datasheet HTML 12Page - Texas Instruments SN75114J Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
5962-88744022A
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
Level-NC-NC-NC
5962-8874402EA
ACTIVE
CDIP
J
16
1
TBD
A42 SNPB
Level-NC-NC-NC
5962-8874402FA
ACTIVE
CFP
W
16
1
TBD
A42 SNPB
Level-NC-NC-NC
JM38510/10403BEA
ACTIVE
CDIP
J
16
1
TBD
A42 SNPB
Level-NC-NC-NC
SN55114J
ACTIVE
CDIP
J
16
1
TBD
A42 SNPB
Level-NC-NC-NC
SN75114D
ACTIVE
SOIC
D
16
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN75114DE4
ACTIVE
SOIC
D
16
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN75114DR
ACTIVE
SOIC
D
16
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN75114DRE4
ACTIVE
SOIC
D
16
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN75114J
OBSOLETE
CDIP
J
16
TBD
Call TI
Call TI
SN75114N
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
SN75114NE4
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
SNJ55114FK
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
Level-NC-NC-NC
SNJ55114J
ACTIVE
CDIP
J
16
1
TBD
A42 SNPB
Level-NC-NC-NC
SNJ55114W
ACTIVE
CFP
W
16
1
TBD
A42 SNPB
Level-NC-NC-NC
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
17-Oct-2005
Addendum-Page 1


Similar Part No. - SN75114J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75114J TI1-SN75114J Datasheet
476Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
More results

Similar Description - SN75114J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55113 TI1-SN55113_14 Datasheet
859Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN55113 TI-SN55113 Datasheet
213Kb / 12P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
DS8830 TI1-DS8830_15 Datasheet
782Kb / 19P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SNJ55113 TI-SNJ55113 Datasheet
228Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SNJ75113 TI-SNJ75113 Datasheet
2Mb / 13P
[Old version datasheet]   Dual differential line drivers
DS8830 TI-DS8830 Datasheet
153Kb / 17P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
logo
National Semiconductor ...
DS75114 NSC-DS75114 Datasheet
135Kb / 6P
   Dual Differential Line Drivers
logo
Texas Instruments
SN55114 TI1-SN55114_15 Datasheet
476Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
logo
Motorola, Inc
AM26LS30 MOTOROLA-AM26LS30 Datasheet
167Kb / 14P
   DUAL DIFFERENTIAL/ QUAD SINGLE.ENDED LINE DRIVERS
logo
Texas Instruments
THS6002 TI-THS6002 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com