Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN55LBC174 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part No. SN55LBC174
Description  QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN55LBC174 Datasheet(HTML) 6 Page - Texas Instruments

  SN55LBC174 Datasheet HTML 1Page - Texas Instruments SN55LBC174 Datasheet HTML 2Page - Texas Instruments SN55LBC174 Datasheet HTML 3Page - Texas Instruments SN55LBC174 Datasheet HTML 4Page - Texas Instruments SN55LBC174 Datasheet HTML 5Page - Texas Instruments SN55LBC174 Datasheet HTML 6Page - Texas Instruments SN55LBC174 Datasheet HTML 7Page - Texas Instruments SN55LBC174 Datasheet HTML 8Page - Texas Instruments SN55LBC174 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SN55LBC174
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SGLS082 – MARCH 1995
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
RL = 110 Ω
VOLTAGE WAVEFORMS
TEST CIRCUIT
Output
Input
tPZH
1.5 V
2.3 V
0.5 V
tPHZ
1.5 V
VOH
Voff ≈ 0 V
0 V
3 V
Output
3 V or 0 V
S1
CL = 50 pF
(see Note B)
Generator
(see Note A)
50
Input
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, duty cycle ≤ 50%, tr ≤ 5 ns,
tf ≤ 5 ns, ZO = 50 Ω.
B. CL includes probe and stray capacitance.
Figure 4. tPZH and tPHZ Test Circuit and Waveforms
VOLTAGE WAVEFORMS
TEST CIRCUIT
Output
RL = 110 Ω
5 V
5 V
VOL
0.5 V
tPZL
3 V
tPLZ
1.5 V
2.3 V
1.5 V
Output
Input
0 V
0 V or 3 V
S1
CL = 50 pF
(see Note B)
Generator
(see Note A)
50
Input
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, duty cycle ≤ 50%, tr ≤ 5 ns,
tf ≤ 5 ns, ZO = 50 Ω.
B. CL includes probe and stray capacitance.
Figure 5. tPZL and tPLZ Test Circuit and Waveforms


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn