Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4148M Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # 1N4148M
Description  SILICON EPITAXIAL PLANAR DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

1N4148M Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  1N4148M Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 1N4148M Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 23/06/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
1N4148M
SILICON EPITAXIAL PLANAR DIODE
Fast switching diode
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Reverse Voltage
VR
50
V
Peak Reverse Voltage
VRM
60
V
Rectified Current (Average), Half Wave Rectification with
Resist. Load at f ≥ 50 Hz
IO
130
mA
Surge Forward Current at t < 1 s
IFSM
500
mA
Power Dissipation
Ptot
400
1)
mW
Junction Temperature
Tj
200
O
C
Storage Temperature Range
TS
- 65 to + 200
O
C
1) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.
Characteristics at Tj = 25 OC
Parameter
Symbol
Min.
Max.
Unit
Forward Voltage
at IF = 100 mA
VF
-
1.1
V
Reverse Leakage Current
at VR = 50 V
IR
-
0.5
μA
Reverse Breakdown Voltage
tested with 100 µA Pulses
V(BR)R
60
-
V
Capacitance
at VF = VR = 0
Ctot
-
3
pF
Reverse Recovery Time
from IF = 10 mA to IR = 1 mA, VR = 6 V, RL = 100 Ω
trr
-
4
ns
Max. 2.9
Max. 1.9
Glass Case DO-34
Max. 0.45
Min. 27.5
Min. 27.5
XXX
Cathode Band
Part No.
Dimensions in mm
Black
Black


Similar Part No. - 1N4148M

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE?
logo
WILLAS ELECTRONIC CORP
1N4148M WILLAS-1N4148M Datasheet
313Kb / 2P
   150mA SMALL SIGNAL SWITCHING DIODE - 100V
logo
Kwang Myoung I.S. CO.,L...
1N4148M KISEMICONDUCTOR-1N4148M Datasheet
308Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
logo
Continental Device Indi...
1N4148M CDIL-1N4148M Datasheet
192Kb / 3P
   SILICON EPITAXIAL PLANAR DIODE
logo
Surge Components
1N4148M SURGE-1N4148M Datasheet
1Mb / 2P
   Silicin Epitaxial Planar Switching Diode
More results

Similar Description - 1N4148M

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE?
1N914 SEMTECH-1N914 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
KEC(Korea Electronics)
KDV348E_0911 KEC-KDV348E_0911 Datasheet
46Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV1480 KEC-KDV1480 Datasheet
75Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDZ2.0FV KEC-KDZ2.0FV Datasheet
480Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380_0711 BILIN-1SS380_0711 Datasheet
89Kb / 2P
   Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
MA2ZV03 KEXIN-MA2ZV03 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
1SV245 KEXIN-1SV245 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
   Silicon Epitaxial Planar Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com