Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGP10K Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # RGP10K
Description  FAST RECOVERY PLASTIC RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

RGP10K Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  RGP10K Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. RGP10K Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 14/05/2003
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
RGP10A THRU RGP10M
FAST RECOVERY PLASTIC RECTIFIERS
SINTERED GLASS JUNCTION
Reverse Voltage – 50 to 1000 Volts
Forward Current – 1.0 Amperes
Features
High temperature metallurgically bonded construction
Sintered glass cavity free junction.
Capability of meeting environmental standard of
MIL-S-19500.
High temperature soldering guaranteed
350
oC/10sec/0.375” lead length at 5 lbs tension
Operate at TA = 55
oC with no thermal run away
Typical ir<0.1
μA.
Mechanical Data
Terminals: Plated axial leads, solderable per
MIL-STD 202E, method 208C
Polarity: Color band denotes cathode
Mounting Position: Any
Maximum Ratings and Electrical Characteristics
Ratings at 25
oCambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
Symbols
RGP
10A
RGP
10B
RGP
10D
RGP
10G
RGP
10J
RGP
10K
RGP
10M
Units
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
3/8” lead length at TA = 55
OC
I(AV)
1.0
A
Peak forward surge current
8.3mS single half sine-wave superimposed on rated load
IFSM
30
A
Maximum forward voltage at rated forward current
and 25
oC
VF
1.3
V
Maximum full load reverse current, full cycle
average at 55
OC Ambient
IR(AV)
100
μA
Maximum DC reverse current
TA = 25
OC
at rated DC blocking voltage
TA =
150
OC
IR
5.0
200
μA
μA
Maximum reverse recovery time (Note 1)
Trr
150
250
500
nS
Typical junction capacitance (Note 2)
CJ
15
pF
Typical thermal resistance (Note 3)
RθJA
55
OC/W
Operating
junction and storage temperature range
TJ ,TSTG
-65 to +175
OC
Notes: 1.Reverse recovery condition IF = 0.5A, IR = 1.0A, Irr = 0.25A.
2.Measured at 1.0MHZ and applied reverse voltage of 4.0 VDC.
3 Thermal resistance from junction to ambient at 3/8” lead length, P.C. board mounted.


Similar Part No. - RGP10K

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGP10K ZOWIE-RGP10K Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Jinan Jingheng (Group) ...
RGP10K JINANJINGHENG-RGP10K Datasheet
104Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Vishay Siliconix
RGP10K VISHAY-RGP10K Datasheet
81Kb / 5P
   Glass Passivated Junction Fast Switching Plastic Rectifier
01-Jan-2022
logo
Fairchild Semiconductor
RGP10K FAIRCHILD-RGP10K Datasheet
35Kb / 3P
   1.0 Ampere Glass Passivated Fast Recovery Rectifiers
logo
Gulf Semiconductor
RGP10K GULFSEMI-RGP10K Datasheet
75Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
More results

Similar Description - RGP10K

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1F1 PANJIT-1F1_09 Datasheet
66Kb / 2P
   FAST RECOVERY PLASTIC RECTIFIERS
1F1 PANJIT-1F1_04 Datasheet
41Kb / 2P
   FAST RECOVERY PLASTIC RECTIFIERS
logo
Shanghai Leiditech Elec...
FR301 LEIDITECH-FR301 Datasheet
528Kb / 2P
   Plastic Fast Recovery Rectifiers
FR201 LEIDITECH-FR201 Datasheet
613Kb / 2P
   Plastic Fast Recovery Rectifiers
logo
Rectron Semiconductor
MURS420 RECTRON-MURS420 Datasheet
755Kb / 6P
   Plastic Epitaxial Fast Recovery Rectifiers
logo
Shanghai Leiditech Elec...
MURS320 LEIDITECH-MURS320 Datasheet
779Kb / 2P
   Plastic Epitaxial Fast Recovery Rectifiers
logo
First Components Intern...
1N4933 FCI-1N4933 Datasheet
113Kb / 2P
   1.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
BY500-100 SEMTECH_ELEC-BY500-100 Datasheet
177Kb / 2P
   SOFT RECOVERY FAST-SWITCHING PLASTIC RECTIFIERS
logo
First Components Intern...
FR10G FCI-FR10G Datasheet
416Kb / 2P
   1.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
FR10 FCI-FR10 Datasheet
117Kb / 2P
   1.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com