Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN55LBC172 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part No. SN55LBC172
Description  QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

SN55LBC172 Datasheet(HTML) 2 Page - Texas Instruments

  SN55LBC172 Datasheet HTML 1Page - Texas Instruments SN55LBC172 Datasheet HTML 2Page - Texas Instruments SN55LBC172 Datasheet HTML 3Page - Texas Instruments SN55LBC172 Datasheet HTML 4Page - Texas Instruments SN55LBC172 Datasheet HTML 5Page - Texas Instruments SN55LBC172 Datasheet HTML 6Page - Texas Instruments SN55LBC172 Datasheet HTML 7Page - Texas Instruments SN55LBC172 Datasheet HTML 8Page - Texas Instruments SN55LBC172 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SN55LBC172
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SGLS084B – MARCH 1995 – REVISED SEPTEMBER 1999
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic symbol
4A
3A
2A
1A
G
G
4Z
4Y
3Z
3Y
2Z
2Y
1Z
1Y
13
14
11
10
5
6
3
2
15
9
7
1
12
4
≥1
EN
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
Pin numbers shown are for the J or W package.
logic diagram (positive logic)
4A
3A
2A
1A
G
G
15
9
7
1
12
4
4Z
4Y
3Z
3Y
2Z
2Y
1Z
1Y
13
14
11
10
5
6
3
2
4A
3A
2A
1A
G
G
15
9
7
1
12
4
4Z
4Y
3Z
3Y
2Z
2Y
1Z
1Y
13
14
11
10
5
6
3
2
schematic diagrams of inputs and outputs
Input
50
µA
VCC
Driver
Output
VCC
200
ALL INPUTS
Y OR Z OUTPUT
+


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn