Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER104 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # HER104
Description  HIGH EFFICIENCY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

HER104 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  HER104 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. HER104 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 22/03/2003
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
HER101 THRU HER108
0
-0.25A
+0.5A
-1.0A
DUT
NOTES:1. Rise Time=7ns max. Input Impedance=
1 megohm 22 pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
1
NON
INDUCTIVE
(+)
25Vdc
(appox)
(-)
50
NONINDUCTIVE
PULSE
GENERATOR
(NOTE 2)
OSCILLOSCOPE
(NOTE 1)
10
NONINDUCTIVE
SET TIME BASE FOR
50ns/cm
1cm
trr
REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
0.1
1.2
FORWARD VOLTAGE
VOLTS
0.2
0.01
00.4
0.6
0.8
1.0
1.4
1.6
Tj=25 C
FORWARD CHARACTERISTICS
1
10
HER101
TYPICAL
o
HER108
TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
100
0.1
0.1
10
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
1
10
o
100
20
NUMBER OF CYCLES AT 60Hz
5
0.1
10
15
0.5
1
2
5
10 20
100
50
1000
500
PEAK FORWARD SURGE CURRENT
30
25
35
1.2
1.0
0.6
0.8
0.2
0.4
FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE, ( C)
50
25
0
75
125
100
150 175


Similar Part No. - HER104

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
HER104 DIOTECH-HER104 Datasheet
830Kb / 2P
   HIGH EFFICIENT SILICON RECTIFIER
logo
Mospec Semiconductor
HER104 MOSPEC-HER104 Datasheet
132Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(1.0A,50-400V)
logo
Nanjing International G...
HER104 DGNJDZ-HER104 Datasheet
143Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Continental Device Indi...
HER104 CDIL-HER104 Datasheet
481Kb / 5P
   HIGH EFFICIENCY RECTIFIER
logo
GOOD-ARK Electronics
HER104 GOOD-ARK-HER104 Datasheet
61Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results

Similar Description - HER104

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HER510T LUGUANG-HER510T Datasheet
208Kb / 2P
   High Efficiency Rectifiers
HER1010 LUGUANG-HER1010 Datasheet
209Kb / 2P
   High Efficiency Rectifiers
HER601 LUGUANG-HER601 Datasheet
290Kb / 2P
   High Efficiency Rectifiers
EG01Y LUGUANG-EG01Y Datasheet
174Kb / 2P
   High Efficiency Rectifiers
EGP50A LUGUANG-EGP50A Datasheet
215Kb / 2P
   High Efficiency Rectifiers
logo
Microdiode Electronics ...
1H2 CHENDA-1H2 Datasheet
74Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Leshan Radio Company
HER103 LRC-HER103_15 Datasheet
201Kb / 7P
   High Efficiency Rectifiers
HER208 LRC-HER208_15 Datasheet
153Kb / 7P
   High Efficiency Rectifiers
HER305 LRC-HER305_15 Datasheet
195Kb / 7P
   High Efficiency Rectifiers
logo
Shenzhen Luguang Electr...
ERB32-01 LUGUANG-ERB32-01 Datasheet
1Mb / 2P
   High Efficiency Rectifiers
logo
Diode Semiconductor Kor...
TVR1B DSK-TVR1B Datasheet
282Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com