Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SM04522-36 Datasheet(PDF) 1 Page - Stealth Microwave, Inc.

Part No. SM04522-36
Description  450-2200 MHz 4 Watt Linear Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Homepage  http://www.stealthmicrowave.com
Logo 

SM04522-36 Datasheet(HTML) 1 Page - Stealth Microwave, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM04522-36/36H
450-2200 MHz
4 Watt Linear Power Amplifier
FOR LAB & WIDEBAND APPLICATIONS
Item
SM04522-36
SM04522-36H
Frequency Range
450 - 2200 MHz
450-2200 MHz
Pout (P1dB)
+ 34 dBm (min)
+ 36 dBm (typ)
+ 34 dBm (min)
+ 36 dBm (typ)
Third Order
Intercept Point
+ 48 dBm
+ 48 dBm
Linear Gain
20 dB ± 1.0 dB
35 dB ± 1.0 dB
Gain Flatness over
Full Band
± .75 dB
± .75 dB
Input/Output
Return Loss
-7 dB / -14 dB
-14 dB / -14 dB
DC Input Voltage
+ 12 Volts
+12 Volts
DC Input Current
1.9 Amperes
1.9 Amperes
Mechanical
Dimensions
(Without Heatsink)
5.0 x 2.5 x .563 in.
5.0 x 2.5 x .563 in
RF Connectors
SMA Female
SMA Female
Operating
Temperature
(Baseplate)
0ºC to +55ºC
0ºC to +55ºC
Operating
Humidity
95% Non-condensing
95% Non-condensing
Operating Altitude
Up to 10,000 feet
above Sea Level
Up to 10,000 feet
above Sea Level
Models SM04522-36/36H are 450 to 2200
MHz solid state GaAs FET amplifiers
designed for multi-purpose use. With 1.75
GHz of bandwidth, this small amplifier
can be used in various applications. This
module provides a minimum of +34 dBm of
output power at P1dB with an OIP3 of +48
dBm. Two versions are available, the -36,
with 20 dB of linear gain, and the -36H,
with 35 dB of linear gain. The gain flatness
over the entire 1.75 GHz bandwidth is ±
0.75 dB. The unit uses the latest surface
mount technologies to provide numerous
features, while maintaining a minimal size.
Features
• Mis-Match Protected
• Single Power Supply
• Over/Reverse Voltage Protection
• Thermal Protection with Auto Reset
Options
• Logic On/Off Control
• Heatsink
• Cooling Fan
Configurations
• Module
• Bench-Top-Lab Unit
• 19” Rack


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn