Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75117D Datasheet(PDF) 2 Page - Texas Instruments

Part # SN75117D
Description  DIFFERENTIAL LINE TRANSCEIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75117D Datasheet(HTML) 2 Page - Texas Instruments

  SN75117D Datasheet HTML 1Page - Texas Instruments SN75117D Datasheet HTML 2Page - Texas Instruments SN75117D Datasheet HTML 3Page - Texas Instruments SN75117D Datasheet HTML 4Page - Texas Instruments SN75117D Datasheet HTML 5Page - Texas Instruments SN75117D Datasheet HTML 6Page - Texas Instruments SN75117D Datasheet HTML 7Page - Texas Instruments SN75117D Datasheet HTML 8Page - Texas Instruments SN75117D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SN55116, SN75116, SN75117, SN75118, SN75119
DIFFERENTIAL LINE TRANSCEIVERS
SLLS073D – MAY 1976 – REVISED MAY 1998
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The SN55116 is characterized for operation over the full military temperature range of – 55
°C to 125°C. The
SN75116, SN75117, SN75118, and SN75119 are characterized for operation from 0
°C to 70°C.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DZP
DZS
DYS
DYP
RA
RT
RB
GND
VCC
DB
DA
DE
RYP
RYS
RS
RTC
SN55116 ...J PACKAGE
SN75116 ...D OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DZP
DZS
DYS
DYP
RA
RT
RB
GND
VCC
DB
DA
DE
RYP
RYS
RE
RTC
SN75118 ...D OR N PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
DA
DE
NC
RYP
RYS
DYS
DYP
NC
RA
RT
SN55116 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
1
2
3
4
8
7
6
5
DI
B
A
GND
VCC
DE
RY
RS
SN75117 ...D OR P PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
DI
B
A
GND
VCC
DE
RY
RE
SN75119 ...D OR P PACKAGE
(TOP VIEW)
Function Tables
INPUTS
OUTPUTS
L
H
H
H
’116, SN75118
DRIVER
DE
DA
DB
X
L
X
H
X
X
L
H
DY
DZ
Z
L
L
H
Z
H
H
L
INPUTS
OUTPUTS
SN75117, SN75119
DRIVER
DI
DE
H
L
X
H
H
L
AB
H
L
Z
L
H
Z
OUTPUTS RY
’116, SN75118
RECEIVER
RS/RE
DIFF
INPUT
L
H
H
X
L
H
’116
SN75118
H
H
L
Z
H
L
INPUTS
OUTPUT RY
SN75117, SN75119
RECEIVER
B
RS/RE
L
H
X
H
H
L
SN75117
SN75119
H
L
H
H
L
Z
A
H
L
X
H = high level (VI ≥ VIH min or VID more positive than VTH max), L = low level (VI ≤ VIL max or VID more negative than VTL max),
X = irrelevant, Z = high impedance (off)


Similar Part No. - SN75117D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75117D TI1-SN75117D Datasheet
1Mb / 29P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
More results

Similar Description - SN75117D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ55118 TI-SNJ55118 Datasheet
484Kb / 12P
[Old version datasheet]   Differential line transceivers
SN55116 TI1-SN55116_14 Datasheet
1Mb / 29P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN55116 TI1-SN55116_13 Datasheet
311Kb / 15P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1677 TI-SN65LVDM1677 Datasheet
341Kb / 20P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1677 TI-SN65LVDM1677_07 Datasheet
421Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1676 TI-SN65LVDM1676_08 Datasheet
450Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC170 TI-SN65LBC170_08 Datasheet
474Kb / 19P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com