Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN55ALS160 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN55ALS160
Description  OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN55ALS160 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN55ALS160 Datasheet HTML 4Page - Texas Instruments SN55ALS160 Datasheet HTML 5Page - Texas Instruments SN55ALS160 Datasheet HTML 6Page - Texas Instruments SN55ALS160 Datasheet HTML 7Page - Texas Instruments SN55ALS160 Datasheet HTML 8Page - Texas Instruments SN55ALS160 Datasheet HTML 9Page - Texas Instruments SN55ALS160 Datasheet HTML 10Page - Texas Instruments SN55ALS160 Datasheet HTML 11Page - Texas Instruments SN55ALS160 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SN55ALS160, SN75ALS160
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SLLS018D – JUNE 1986 – REVISED MAY 1995
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
3 V
0
VOH
VOL
tPHL
tPLH
1.5 V
D Output
B Input
D
TE
B
Output
4.3 V
[7 V]
50
Generator
(see Note A)
TEST CIRCUIT
VOLTAGE WAVEFORMS
240
[500
Ω]
3 k
[500
Ω]
CL = 30 pF
[ = 50 pF ]
(see Note B)
1.5 V
1.5 V
1.5 V
[ ] denotes the SN55ALS160 military test conditions.
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, 50% duty cycle, tr ≤ 6 ns, tf ≤ 6 ns,
ZO = 50 Ω.
B. CL includes probe and jig capacitance.
Figure 2. Bus-to-Terminal Test Circuit and Voltage Waveforms
TEST CIRCUIT
VOLTAGE WAVEFORMS
0.5 V
1 V
90%
0
0.8 V
3.5 V
VOL
VOH
3 V
2 V
1.5 V
1.5 V
B Output
S1 to GND
S2 Closed
B Output
S1 to 3 V
S2 Open
TE Input
S2
5 V
[7 V]
Output
S1
3 V
PE
B
D
50
TE
Generator
(see Note A)
tPLZ
tPHZ
tPZL
tPZH
CL = 15 pF
[ = 50 pF ]
(see Note B)
200
[500
Ω]
480
[500
Ω]
[ ] denotes the SN55ALS160 military test conditions.
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, 50% duty cycle, tr ≤ 6 ns, tf ≤ 6 ns,
ZO = 50 Ω.
B. CL includes probe and jig capacitance.
Figure 3. TE-to-Bus Test Circuit and Voltage Waveforms


Similar Part No. - SN55ALS160

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55ALS161 TI-SN55ALS161 Datasheet
222Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS161FK TI-SN55ALS161FK Datasheet
222Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS161J TI-SN55ALS161J Datasheet
222Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS161W TI-SN55ALS161W Datasheet
222Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
More results

Similar Description - SN55ALS160

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75161B TI-SN75161B Datasheet
227Kb / 14P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS161 TI-SN55ALS161 Datasheet
222Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS161 TI-SN75ALS161_07 Datasheet
503Kb / 19P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
logo
Hitachi Semiconductor
HD75161A HITACHI-HD75161A Datasheet
63Kb / 15P
   Octal General Purpose Interface Bus Transceivers
logo
Texas Instruments
SN75161BDWR TI-SN75161BDWR Datasheet
980Kb / 22P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS160 TI-SN75ALS160 Datasheet
478Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
logo
Renesas Technology Corp
HD75160A RENESAS-HD75160A Datasheet
162Kb / 13P
   Octal General Purpose Interface Bus Transceivers
HD75161A RENESAS-HD75161A Datasheet
245Kb / 12P
   Octal General Purpose Interface Bus Transceivers
logo
Texas Instruments
SN75ALS161 TI-SN75ALS161_08 Datasheet
532Kb / 19P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS164 TI-SN75ALS164 Datasheet
198Kb / 13P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com