Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75138D Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75138D
Description  QUADRUPLE BUS TRANSCEIVERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75138D Datasheet(HTML) 4 Page - Texas Instruments

  SN75138D Datasheet HTML 1Page - Texas Instruments SN75138D Datasheet HTML 2Page - Texas Instruments SN75138D Datasheet HTML 3Page - Texas Instruments SN75138D Datasheet HTML 4Page - Texas Instruments SN75138D Datasheet HTML 5Page - Texas Instruments SN75138D Datasheet HTML 6Page - Texas Instruments SN75138D Datasheet HTML 7Page - Texas Instruments SN75138D Datasheet HTML 8Page - Texas Instruments SN75138D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SN55138, SN75138
QUADRUPLE BUS TRANSCEIVERS
SLLS079B – SEPTEMBER 1973 – REVISED MAY 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
SN55138
SN75138
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIK
Input clamp
voltage
Driver or
strobe
VCC = MIN,
II = – 12 mA
–1.5
–1.5
V
VOH
High-level
output
voltage
Receiver
VCC = MIN,
VIL(R) = VIL max,
VIH(S) = 2 V,
IOH = – 400 µA
2.4
3.5
2.4
3.5
V
VOL
Low-level
output
Driver
VCC = MIN,
VIL(S) = 0.8 V,
VIH(D) = 2 V,
IOL = 100 mA
0.45
0.45
V
VOL
out ut
voltage
Receiver
VCC = MIN,
VIH(S) = 2 V,
VIH(R) = VIH min,
IOL = 16 mA
0.4
0.4
V
II(max)
Input current
at maximum
input voltage
Driver or
strobe
VCC = MAX,
VI = VCC
1
1
mA
IIH
High-level
Driver or
strobe
VCC = MAX,
VI = 2.4 V
40
40
µA
IIH
g
input current
Receiver
VCC = 5 V,
VI(R) = 4.5 V,
25
300
25
300
µA
Receiver
CC
VI(S) = 2 V
I(R)
25
300
25
300
IIL
Low-level
Driver or
strobe
VCC = MAX,
VI = 0.4 V
–1
–1.6
–1
–1.6
mA
IIL
input current
Receiver
VCC = MAX,
VI(R) = 0.45 V,
50
50
µA
Receiver
CC
VI(S) = 2 V
I(R)
– 50
– 50
µA
II( ff)
Input current
with power
Receiver
VCC =0
VI =4 5V
11
15
11
15
mA
II(off)
with ower
off
Receiver
VCC = 0,
VI = 4.5 V
1.1
1.5
1.1
1.5
mA
IOS
Short-circuit
output
Receiver
VCC = MAX
20
55
18
55
mA
IOS
out ut
current§
Receiver
VCC = MAX
– 20
– 55
– 18
– 55
mA
All driver
VCC = MAX,
VI(D) = 2 V,
50
65
50
65
Supply
outputs low
CC
VI(S) = 0.8 V
I(D)
50
65
50
65
ICC
Supply
current
All driver
outputs
VCC = MAX,
VI(R) = 3.5 V,
VI(S) =2V
42
55
42
55
mA
out uts
high
VI(S) = 2 V,
Receiver outputs open
42
55
42
55
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions. Parenthetical letters D,
R, and S used with VI refer to the driver input, receiver input, and strobe input, respectively.
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ Not more than one output should be shorted at a time.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER¶
FROM
TO
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PARAMETER¶
(INPUT)
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Driver
Driver
15
24
ns
tPHL
Driver
Driver
CL =50 pF
RL =50 Ω
See Figure 1
14
24
ns
tPLH
Strobe
Driver
CL = 50 pF,
RL = 50 Ω,
See Figure 1
18
28
ns
tPHL
Strobe
Driver
22
32
ns
tPLH
Receiver
Receiver
CL =15 pF
RL = 400 Ω
See Figure 2
7
15
ns
tPHL
Receiver
Receiver
CL = 15 pF
RL = 400 Ω,
See Figure 2
8
15
ns
¶ tPLH = propagation delay time, low- to high-level output
tPHL = propagation delay time, high- to low-level output


Similar Part No. - SN75138D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75138D TI1-SN75138D Datasheet
952Kb / 24P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
SN75138DG4 TI1-SN75138DG4 Datasheet
952Kb / 24P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
SN75138DR TI1-SN75138DR Datasheet
952Kb / 24P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
More results

Similar Description - SN75138D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS242 TI-SN54LS242 Datasheet
135Kb / 4P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
SN55138 TI1-SN55138_14 Datasheet
952Kb / 24P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
SN54LS243 TI1-SN54LS243 Datasheet
900Kb / 14P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
AM26S10C TI-AM26S10C Datasheet
124Kb / 7P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
REVISED MARCH 1997
AM26S10C TI-AM26S10C_08 Datasheet
540Kb / 13P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
SN54LS440 TI-SN54LS440 Datasheet
288Kb / 7P
[Old version datasheet]   QUADRUPLE TRIDIRECTIONAL BUS TRANSCEIVERS
logo
Renesas Technology Corp
HD74LS242 RENESAS-HD74LS242 Datasheet
190Kb / 7P
   Quadruple Bus Transceivers (with three-state outputs)
HD74LS243 RENESAS-HD74LS243 Datasheet
184Kb / 7P
   Quadruple Bus Transceivers (with three-state outputs)
logo
Texas Instruments
SN54LS446 TI-SN54LS446 Datasheet
230Kb / 7P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS WITH INDIVIDUAL DIRECTION CONTROLS
SN54F243 TI-SN54F243 Datasheet
74Kb / 5P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com