Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF166CTD Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # SF166CTD
Description  GLASS PASSIVATED SUPER FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

SF166CTD Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  SF166CTD Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. SF166CTD Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 24/03/2006 H
R
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
SF161CTD THRU SF168CTD
GLASS PASSIVATED SUPER FAST RECTIFIER
Reverse Voltage – 50 to 800 V
Forward Current – 16 A
Features
• Low forward voltage drop
• Low reverse leakage current
• Superfast switching time for high efficiency
• High current capability
• High surge current capability
Mechanical Data
• Case: Molded plastic, TO-220
• Epoxy: UL 94V-0 rate flame retardant
• Terminals: leads solderable per MIL-STD-202
method 208 guaranteed
• Polarity: As marked
• Mounting Position: Any
Absolute Maximum Ratings and Characteristics
Ratings at 25 OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or
inductive load. For capacitive load, derate current by 20%.
Parameter
Symbols SF161CTD SF162CTD SF163CTD SF164CTD SF165CTD SF166CTD SF167CTD SF168CTD Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
500
600
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
350
420
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
500
600
V
Maximum Average Forward Rectified Current
at TC = 100 OC
I(AV)
16
A
Peak Forward Surge Current, 8.3 mS Single
half Sine-wave Superimposed on Rated Load
(JEDEC method)
IFSM
125
A
Maximum Forward Voltage at 8 A and 25 OC
VF
0.95
1.3
1.7
V
Maximum Reverse Current
at TA = 25 OC
at Rated DC Blocking Voltage
TA = 100 OC
IR
10
500
µA
Typical Junction Capacitance
1)
CJ
80
60
pF
Maximum Reverse Recovery Time
2)
trr
35
50
ns
Typical Thermal Resistance
3)
RθJC
2.5
O
C/W
Operating and Storage Temperature Range
TJ, Ts
-55 to +150
O
C
1) Measured at 1 MHz and applied reverse voltage of 4 VDC.
2) Reverse recovery test conditions: IF = 0.5 A, IR = 1 A, IRR = 0.25 A
3) Thermal resistance from Junction to case per leg mounted on heatsink.


Similar Part No. - SF166CTD

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
SF166CTD THINKISEMI-SF166CTD Datasheet
346Kb / 2P
   16.0 Ampere Heatsink Dual Doubler Polarity Super Fast Recovery Rectifiers
More results

Similar Description - SF166CTD

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SF51 GOOD-ARK-SF51 Datasheet
231Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Rectron Semiconductor
ISF81 RECTRON-ISF81 Datasheet
28Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
MIC GROUP RECTIFIERS
SF301P MIC-SF301P Datasheet
54Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Rectron Semiconductor
SF161C RECTRON-SF161C_03 Datasheet
28Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
SF81R SEMTECH_ELEC-SF81R Datasheet
380Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Microdiode Electronics ...
SF11G CHENDA-SF11G Datasheet
578Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Nanjing International G...
MUR1620CT.JF DGNJDZ-MUR1620CT.JF Datasheet
85Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Jinan Jing Heng Electro...
MUR1680CT JINGHENG-MUR1680CT Datasheet
57Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
MURF1020 JINGHENG-MURF1020 Datasheet
55Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
MURF1020CT JINGHENG-MURF1020CT Datasheet
61Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com