Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65173 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN65173
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65173 Datasheet(HTML) 3 Page - Texas Instruments

  SN65173 Datasheet HTML 1Page - Texas Instruments SN65173 Datasheet HTML 2Page - Texas Instruments SN65173 Datasheet HTML 3Page - Texas Instruments SN65173 Datasheet HTML 4Page - Texas Instruments SN65173 Datasheet HTML 5Page - Texas Instruments SN65173 Datasheet HTML 6Page - Texas Instruments SN65173 Datasheet HTML 7Page - Texas Instruments SN65173 Datasheet HTML 8Page - Texas Instruments SN65173 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SN55173, SN65173, SN75173
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SLLS144E – OCTOBER 1980 – REVISED APRIL 2000
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic diagram (positive logic)
4Y
3Y
2Y
1Y
13
11
5
3
15
14
9
10
7
6
1
2
12
4
4B
4A
3B
3A
2B
2A
1B
1A
G
G
Pin numbers shown are for the D, J, and N packages.
schematics of inputs and outputs
TYPICAL OF ALL OUTPUTS
EQUIVALENT OF G OR G INPUT
EQUIVALENT OF EACH A OR B INPUT
Output
VCC
8.3 k
NOM
85
NOM
VCC
Input
20 k
NOM
960
NOM
100 k
NOM
B Pins Only
100 k
NOM
A Pins Only
960
NOM
VCC
Input


Similar Part No. - SN65173

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65173 TI-SN65173 Datasheet
474Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEVERS
SN65173 TI1-SN65173 Datasheet
791Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65173D TI-SN65173D Datasheet
474Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEVERS
SN65173D TI1-SN65173D Datasheet
791Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65173DR TI-SN65173DR Datasheet
474Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEVERS
More results

Similar Description - SN65173

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI-SN55ALS195 Datasheet
164Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_06 Datasheet
541Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI1-AM26LS32AC_16 Datasheet
1Mb / 27P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55173 TI1-SN55173_15 Datasheet
791Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175 TI-SN65175_06 Datasheet
431Kb / 16P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175 TI-SN65175 Datasheet
152Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI1-SN55ALS195_14 Datasheet
415Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com