Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN55182 Datasheet(PDF) 9 Page - Texas Instruments

Part No. SN55182
Description  DUAL DIFFERENTIAL LINE RECEIVERS
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SN55182 Datasheet(HTML) 9 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
SN55182, SN75182
DUAL DIFFERENTIAL LINE RECEIVERS
SLLS092D – OCTOBER 1972 – REVISED APRIL 1998
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 9
SUPPLY CURRENT
(AVERAGE PER RECEIVER)
vs
COMMON-MODE INPUT VOLTAGE
10
8
6
4
2
0
12
VIC – Common-Mode Input Voltage – V
VID = –1 V
VID = 1 V
10
0
–10
20
–20
–15
15
5
–5
VCC = 5 V
No Load
TA = 25°C
Figure 10
POWER DISSIPATION
(AVERAGE PER RECEIVER)
vs
COMMON-MODE INPUT VOLTAGE
VIC – Common-Mode Input Voltage – V
200
100
0
300
TA = 25°C
TA = 125°C
10
0
–10
20
–20
–15
15
5
–5
50
150
250
VCC = 5 V
VID = –1 V
Max Rated PD at TA = 125°C
(W Package )
† Operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn