Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN55113W Datasheet(PDF) 10 Page - Texas Instruments

Part # SN55113W
Description  DUAL DIFFERENTIAL LINE DRIVERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN55113W Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN55113W Datasheet HTML 4Page - Texas Instruments SN55113W Datasheet HTML 5Page - Texas Instruments SN55113W Datasheet HTML 6Page - Texas Instruments SN55113W Datasheet HTML 7Page - Texas Instruments SN55113W Datasheet HTML 8Page - Texas Instruments SN55113W Datasheet HTML 9Page - Texas Instruments SN55113W Datasheet HTML 10Page - Texas Instruments SN55113W Datasheet HTML 11Page - Texas Instruments SN55113W Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SN55113, SN75113
DUAL DIFFERENTIAL LINE DRIVERS
SLLS070C – SEPTEMBER 1973 – REVISED MARCH 1997
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 12
0.3
0.2
0.1
0
020
40
0.4
0.5
0.6
50
80
100
120
LOW-LEVEL OUTPUT VOLTAGE
vs
OUTPUT CURRENT
TA = 25°C
VCC = 4.5 V
VCC = 5.5 V
IOL – Output Current – mA
Figure 13
40
20
10
0
0
1
234
5
60
70
80
67
8
50
30
SUPPLY CURRENT
(BOTH DRIVERS)
vs
SUPPLY VOLTAGE
Inputs Grounded
Inputs Open
VCC – Supply Voltage – V
No Load
TA = 25°C
Figure 14
SUPPLY CURRENT
(BOTH DRIVERS)
vs
OUTPUT CURRENT
TA – Free-Air Temperature – °C
46
44
40
38
36
54
42
50
48
52
56
– 75 – 50
– 25
0
25
50
75
100
125
VCC = 5 V
Inputs Grounded
No Load
Figure 15
80
40
20
0
0.1
0.4
1
4
10
40
100
100
60
SUPPLY CURRENT
(BOTH DRIVERS)
vs
SUPPLY VOLTAGE
f – Frequency – MHz
TA = 25°C
Inputs: 3-V Square Wave
CL = 30 pF
RL =
VCC = 5 V
90
70
50
30
10
† Data for temperatures below 0
°C and above 70°C and for supply voltages below 4.75 V and above 5.25 V are applicable to SN55113 circuits
only. These parameters were measured with the active pullup connected to the sink output.


Similar Part No. - SN55113W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55113 TI-SN55113 Datasheet
2Mb / 13P
[Old version datasheet]   Dual differential line drivers
SN55113 TI1-SN55113 Datasheet
859Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN55113J TI-SN55113J Datasheet
228Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN55113J TI1-SN55113J Datasheet
859Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN55113 TI1-SN55113_14 Datasheet
859Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
More results

Similar Description - SN55113W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55113 TI1-SN55113_14 Datasheet
859Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
DS8830 TI1-DS8830_15 Datasheet
782Kb / 19P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SNJ55113 TI-SNJ55113 Datasheet
228Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SNJ75113 TI-SNJ75113 Datasheet
2Mb / 13P
[Old version datasheet]   Dual differential line drivers
DS8830 TI-DS8830 Datasheet
153Kb / 17P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN55114 TI-SN55114 Datasheet
490Kb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
logo
National Semiconductor ...
DS75114 NSC-DS75114 Datasheet
135Kb / 6P
   Dual Differential Line Drivers
logo
Texas Instruments
SN55114 TI1-SN55114_15 Datasheet
476Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
logo
Motorola, Inc
AM26LS30 MOTOROLA-AM26LS30 Datasheet
167Kb / 14P
   DUAL DIFFERENTIAL/ QUAD SINGLE.ENDED LINE DRIVERS
logo
Texas Instruments
THS6002 TI-THS6002 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com