Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM3436-34HS Datasheet(PDF) 1 Page - Stealth Microwave, Inc.

Part # SM3436-34HS
Description  3400 - 3600 MHz 2.5 Watt Linear Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Direct Link  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM3436-34HS Datasheet(HTML) 1 Page - Stealth Microwave, Inc.

  SM3436-34HS Datasheet HTML 1Page - Stealth Microwave, Inc. SM3436-34HS Datasheet HTML 2Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM3436-34HS
3400 - 3600 MHz
2.5 Watt Linear Power Amplifier
FOR ISM, WCS, & WLL APPLICATIONS
Parameter
Specification
Frequency Range
3.4 – 3.6 GHz
Pout (P1dB)
+ 34 dBm (min.)
Third Order Intercept Point
+ 47 dBm (typ.)
Linear Gain
34 dB ± 1.0 dB
Gain Flatness over
Full Band
± .5 dB
Input/Output Return Loss
-14 dB / -14dB
DC Input Voltage
+12 Volts
(+10 V Operation
DC Input Current
1.2 Amperes (typ.)
1.4 Amperes (max.)
Mechanical Dimensions
4.7 x 2.0 x 0.54 inches
RF Connectors
SMA Female
Operating Temperature
0ºC to +55ºC
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above
Sea Level
The SM3436-34HS is a solid state GaAs
amplifier designed primarily for Industrial
Scientific
Medical
(ISM),
Wireless
Communications
Systems
(WCS),
and
Wireless Local Loop (WLL) applications.
This amplifier operates from 3.4 – 3.6
GHz, provides 34 dB of gain, ± 0.5 dB gain
flatness over the full band, and +34 dBm of
output power at the 1 dB compression point.
This highly linear design provides an output
third order intercept point of + 47 dBm.
The amplifier operates from a single supply
of +12V (+10V available as an option) and
draws 1.2 Amps. (typ.) of current. The unit
uses the latest surface mount technologies
to
provide
numerous
features,
while
maintaining a very small size.
Features
• Mis-Match Protected
• Single Power Supply
• Over Voltage Protection
• Thermal Protection with Auto Reset
Options
• +10 V Operation
• Logic On/Off Control
• Integral Heatsink
Configurations
• Module
• 19” Rack


Similar Part No. - SM3436-34HS

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM3436-37HS STEALTH_MICROWAVE-SM3436-37HS Datasheet
114Kb / 4P
   3400-3600 MHz 5 Watt Linear Power Amplifier
More results

Similar Description - SM3436-34HS

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM3436-37HS STEALTH_MICROWAVE-SM3436-37HS Datasheet
114Kb / 4P
   3400-3600 MHz 5 Watt Linear Power Amplifier
SM3436-47 STEALTH_MICROWAVE-SM3436-47 Datasheet
214Kb / 2P
   3400-3600 MHz 50 Watt Linear Power Amplifier
SM3436-40 STEALTH_MICROWAVE-SM3436-40 Datasheet
108Kb / 2P
   3400-3600 MHz 10 Watt Ultra Linear Power Amplifier
SM3436-47L STEALTH_MICROWAVE-SM3436-47L Datasheet
166Kb / 3P
   3400-3600 MHz 50 Watt Ultra Linear Power Amplifier
SM3436-40L STEALTH_MICROWAVE-SM3436-40L Datasheet
135Kb / 2P
   3400-3600 MHz 10 Watt Ultra Linear Power Amplifier
SM3437-43L STEALTH_MICROWAVE-SM3437-43L Datasheet
149Kb / 2P
   3400-3700 MHz 20 Watt Linear Power Amplifier
SM3134-37HS STEALTH_MICROWAVE-SM3134-37HS Datasheet
94Kb / 3P
   3100-3400 MHz 5 Watt Linear Power Amplifier
SM3437-43 STEALTH_MICROWAVE-SM3437-43 Datasheet
109Kb / 2P
   3400-3700 MHz 20 Watt Linear Power Amplifier
SM3134-37S STEALTH_MICROWAVE-SM3134-37S Datasheet
94Kb / 3P
   3100-3400 MHz 5 Watt Linear Power Amplifier
SM3134-47L STEALTH_MICROWAVE-SM3134-47L Datasheet
170Kb / 3P
   3100-3400 MHz 50 Watt Ultra Linear Power Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com