Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SM3134-37S Datasheet(PDF) 1 Page - Stealth Microwave, Inc.

Part No. SM3134-37S
Description  3100-3400 MHz 5 Watt Linear Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Homepage  http://www.stealthmicrowave.com
Logo 

SM3134-37S Datasheet(HTML) 1 Page - Stealth Microwave, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM3134-37S
3100-3400 MHz
5 Watt Linear Power Amplifier
FOR ISM, WCS, WiMAX & BWA
Parameter
Specification
Frequency Range
3.1 – 3.4 GHz
Pout (P1dB)
+ 37 dBm (min.)
Third Order Intercept Point
+ 48 dBm
Linear Gain
20 dB ± 1.0 dB
Gain Flatness over
Full Band
± .5 dB
Input/Output Return Loss
-14 dB
DC Input Voltage
+12 Volts (+10 V Operation
Available)
DC Input Current
1.7 Amperes (typ.)
Mechanical Dimensions
(Without Heatsink)
4.7 x 2.0 x 0.54 inches
RF Connectors
SMA Female
Operating Temperature
(Baseplate)
0ºC to +55ºC
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above Sea
Level
The SM3134-37S is a solid state GaAs
amplifier designed primarily for multiple
wireless markets. With 300 MHz of
bandwidth, the amplifier can be used in
Industrial
Scientific
Medical
(ISM),
Wireless Communications Systems (WCS),
Broadband Wireless Access (BWA), and
WiMAX
applications.
This
amplifier
operates from 3100 to 3400 MHz, provides
20 dB of gain, ± 0.5 dB gain flatness over
the full band, and +37 dBm of output power
at the 1 dB compression point. This highly
linear design provides an output third order
intercept point of + 48 dBm. The amplifier
operates off a single supply of +12V (+10V
available as an option) and 1.7 A (typ). The
unit
uses
the
latest
surface
mount
technologies to provide numerous features
while maintaining a very small size.
Features
• Mis-Match Protected
• Over Voltage Protection
• Thermal Protection with Auto Reset
Options
• Logic On/Off Control
• Integral Heatsink
• Single DC Supply of +10 V
Configurations
• Module
• 19” Rack
• Bench Top lab Unit


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn