Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NS5B1G385 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NS5B1G385
Description  Single (NO) Normally Open SPST Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NS5B1G385 Datasheet(HTML) 3 Page - ON Semiconductor

  NS5B1G385 Datasheet HTML 1Page - ON Semiconductor NS5B1G385 Datasheet HTML 2Page - ON Semiconductor NS5B1G385 Datasheet HTML 3Page - ON Semiconductor NS5B1G385 Datasheet HTML 4Page - ON Semiconductor NS5B1G385 Datasheet HTML 5Page - ON Semiconductor NS5B1G385 Datasheet HTML 6Page - ON Semiconductor NS5B1G385 Datasheet HTML 7Page - ON Semiconductor NS5B1G385 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NS5B1G385
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
CONTROL INPUT (Typical: T = 25°C)
Symbol
Pins
Parameter
Test Conditions
VCC
(V)
−405C to +855C
Unit
Min
Typ
Max
VIH
IN
Control Input High
4.5 − 5.5
2.0
V
VIL
IN
Control Input Low
4.5 − 5.5
0.8
V
IIN
IN
Control Input Leakage
0 v VIN v VCC
5.0
±0.1
±0.5
mA
SUPPLY CURRENT AND LEAKAGE (Typical: T = 25°C)
Symbol
Pins
Parameter
Test Conditions
VCC
(V)
−405C to +855C
Unit
Min
Typ
Max
INO
(OFF)
NO
OFF State Leakage
VIN = VIL or VIH
VNO = 1.0 V
VCOM = 4.5 V
5.5
±10
±100
nA
ICOM
(OFF)
COM
OFF State Leakage
VIN = VIL or VIH
VNO = 4.5 V
VCOM = 1.0 V
5.5
±10
±100
nA
ICC
VCC
Quiescent Supply
VIN and VIS = VCC or GND
ID = 0 A
2.0 − 5.5
±0.1
±1.0
mA
IOFF
IN
Power Off Leakage
VIN = 5.5 V or GND
0
±0.5
±1.0
mA
ON RESISTANCE (Typical: T = 25°C)
Symbol
Pins
Parameter
Test Conditions
VCC
(V)
−405C to +855C
Unit
Min
Typ
Max
RON
NO, COM
ON Resistance
VIS = 0 V, ION = 30 mA
VIS = 0 V, ION = 64 mA
VIS = 2.4 V, ION = 15 mA
4.5
4.5
4.5
4.0
4.0
11.5
7.0
7.0
15
W


Similar Part No. - NS5B1G385

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NS5B1G384 ONSEMI-NS5B1G384 Datasheet
144Kb / 8P
   Single (NC) Normally Closed SPST Analog Switch
March, 2009 ??Rev. 0
NS5B1G384 ONSEMI-NS5B1G384 Datasheet
123Kb / 8P
   Single (NC) Normally Closed SPST Analog Switch
August, 2012 ??Rev. 1
NS5B1G384DFT2G ONSEMI-NS5B1G384DFT2G Datasheet
144Kb / 8P
   Single (NC) Normally Closed SPST Analog Switch
March, 2009 ??Rev. 0
NS5B1G384DTT1G ONSEMI-NS5B1G384DTT1G Datasheet
123Kb / 8P
   Single (NC) Normally Closed SPST Analog Switch
August, 2012 ??Rev. 1
More results

Similar Description - NS5B1G385

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66_07 Datasheet
119Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
MC74VHC1G66 ONSEMI-MC74VHC1G66_11 Datasheet
138Kb / 9P
   SPST (NO) Normally Open Analog Switch
May, 2011 ??Rev. 15
MC74VHC1G66 ONSEMI-MC74VHC1G66_07 Datasheet
109Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
MC74VHC1GT66 ONSEMI-MC74VHC1GT66_11 Datasheet
138Kb / 9P
   SPST (NO) Normally Open Analog Switch
August, 2011 ??Rev. 15
MC74VHC1G66 ONSEMI-MC74VHC1G66_16 Datasheet
102Kb / 9P
   SPST (NO) Normally Open Analog Switch
September, 2016 ??Rev. 17
logo
Fairchild Semiconductor
FSA66 FAIRCHILD-FSA66_06 Datasheet
748Kb / 14P
   Low-Voltage UHS Single SPST Normally Open Analog Switch
FSA66 FAIRCHILD-FSA66 Datasheet
122Kb / 10P
   Low Voltage UHS Single SPST Normally Open Analog Switch
logo
ON Semiconductor
FSA66 ONSEMI-FSA66 Datasheet
821Kb / 16P
   Low-Voltage UHS Single SPST Normally Open Analog Switch
June 2006 Rev. 1.0.1
NS5B1G384 ONSEMI-NS5B1G384 Datasheet
144Kb / 8P
   Single (NC) Normally Closed SPST Analog Switch
March, 2009 ??Rev. 0
NS5B1G384DTT1G ONSEMI-NS5B1G384DTT1G Datasheet
123Kb / 8P
   Single (NC) Normally Closed SPST Analog Switch
August, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com