Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NS5B1G384DFT2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NS5B1G384DFT2G
Description  Single (NC) Normally Closed SPST Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NS5B1G384DFT2G Datasheet(HTML) 5 Page - ON Semiconductor

  NS5B1G384DFT2G Datasheet HTML 1Page - ON Semiconductor NS5B1G384DFT2G Datasheet HTML 2Page - ON Semiconductor NS5B1G384DFT2G Datasheet HTML 3Page - ON Semiconductor NS5B1G384DFT2G Datasheet HTML 4Page - ON Semiconductor NS5B1G384DFT2G Datasheet HTML 5Page - ON Semiconductor NS5B1G384DFT2G Datasheet HTML 6Page - ON Semiconductor NS5B1G384DFT2G Datasheet HTML 7Page - ON Semiconductor NS5B1G384DFT2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NS5B1G384
http://onsemi.com
5
Figure 1. tON/tOFF
50%
50%
90%
90%
tON
tOFF
VOH
Output
Input
VCC
0 V
Figure 2. tON/tOFF
DUT
Open
35 pF
VCC
Input
50%
50%
10%
tON
tOFF
Output
Input
VCC
0 V
10%
50 W
Output
VOL
VOUT
VOH
VOL
DUT
Open
VCC
Input
Output
50 W
35 pF
VOUT
0.1 mF
Channel switch control/s test socket is normalized. Off isolation is measured across an off channel. On loss is
the bandwidth of an On switch. VISO, Bandwidth and VONL are independent of the input signal direction.
VISO = Off Channel Isolation = 20 Log
for VIN at 100 kHz
VONL = On Channel Loss = 20 Log
for VIN at 100 kHz to 50 MHz
Bandwidth (BW) = the frequency 3 dB below VONL
VCT = Use VISO setup and test to all other switch analog input/outputs terminated with 50 W
Output
DUT
Input
50 W
50 W Generator
Reference
Transmitted
Figure 3. Off Channel Isolation/On Channel Loss (BW)/Crosstalk
(On Channel to Off Channel)/VONL
50 W
VOUT
VIN
VOUT
VIN


Similar Part No. - NS5B1G384DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NS5B1G384DTT1G ONSEMI-NS5B1G384DTT1G Datasheet
123Kb / 8P
   Single (NC) Normally Closed SPST Analog Switch
August, 2012 ??Rev. 1
More results

Similar Description - NS5B1G384DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NS5B1G384DTT1G ONSEMI-NS5B1G384DTT1G Datasheet
123Kb / 8P
   Single (NC) Normally Closed SPST Analog Switch
August, 2012 ??Rev. 1
NS5B1G385 ONSEMI-NS5B1G385 Datasheet
144Kb / 8P
   Single (NO) Normally Open SPST Analog Switch
March, 2009 ??Rev. 0
MC74VHC1GT66 ONSEMI-MC74VHC1GT66_07 Datasheet
119Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
MC74VHC1G66 ONSEMI-MC74VHC1G66_07 Datasheet
109Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
MC74VHC1G66 ONSEMI-MC74VHC1G66_11 Datasheet
138Kb / 9P
   SPST (NO) Normally Open Analog Switch
May, 2011 ??Rev. 15
MC74VHC1GT66 ONSEMI-MC74VHC1GT66_11 Datasheet
138Kb / 9P
   SPST (NO) Normally Open Analog Switch
August, 2011 ??Rev. 15
MC74VHC1G66 ONSEMI-MC74VHC1G66_16 Datasheet
102Kb / 9P
   SPST (NO) Normally Open Analog Switch
September, 2016 ??Rev. 17
logo
Fairchild Semiconductor
FSA66 FAIRCHILD-FSA66_06 Datasheet
748Kb / 14P
   Low-Voltage UHS Single SPST Normally Open Analog Switch
FSA66 FAIRCHILD-FSA66 Datasheet
122Kb / 10P
   Low Voltage UHS Single SPST Normally Open Analog Switch
logo
ON Semiconductor
FSA66 ONSEMI-FSA66 Datasheet
821Kb / 16P
   Low-Voltage UHS Single SPST Normally Open Analog Switch
June 2006 Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com