Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV3066PG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV3066PG
Description  Up to 1.5 A Constant Current Switching Regulator for LEDs with ON/OFF Function
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV3066PG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV3066PG Datasheet HTML 3Page - ON Semiconductor NCV3066PG Datasheet HTML 4Page - ON Semiconductor NCV3066PG Datasheet HTML 5Page - ON Semiconductor NCV3066PG Datasheet HTML 6Page - ON Semiconductor NCV3066PG Datasheet HTML 7Page - ON Semiconductor NCV3066PG Datasheet HTML 8Page - ON Semiconductor NCV3066PG Datasheet HTML 9Page - ON Semiconductor NCV3066PG Datasheet HTML 10Page - ON Semiconductor NCV3066PG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
NCP3066, NCV3066
http://onsemi.com
7
INTRODUCTION
The NCP3066 is a monolithic power switching regulator
optimized for LED Driver applications. Its flexible
architecture enables the system designer to directly
implement step−up, step−down, and voltage−inverting
converters with a minimum number of external components
for driving LEDs. A representative block diagram is shown
in Figure 3.
Operating Description
The NCP3066 operates as a fixed oscillator frequency
output voltage ripple gated regulator. In general, this mode
of operation is somewhat analogous to a capacitor charge
pump and does not require dominant pole loop
compensation for converter stability. The typical operating
waveforms are shown in Figure 12. The output voltage
waveform is shown for a step−down converter with the
ripple and phasing exaggerated for clarity. During initial
converter startup, the feedback comparator senses that the
output voltage level is below nominal. This causes the
output switch to turn on and off at a frequency and duty cycle
controlled by the oscillator, thus pumping up the output filter
capacitor. When the output voltage level reaches nominal
comparator value, the output switch cycle is inhibited. When
the load current causes the output voltage to fall below the
nominal value feedback comparator enables switching
immediately. Under these conditions, the output switch
conduction can be enabled for a partial oscillator cycle, a
partial cycle plus a complete cycle, multiple cycles, or a
partial cycle plus multiple cycles.
Oscillator
The oscillator frequency and off−time of the output switch
are programmed by the value of the timing capacitor CT. The
capacitor CT is charged and discharged by a 1 to 6 ratio
internal current source and sink, generating a positive going
sawtooth waveform at Pin 3. This ratio sets the maximum
tON/(tON + tOFF) of the switching converter as 6/(6+1) or
85.7% (typical). The oscillator peak and valley voltage
difference is 500 mV typically. To calculate the CT capacitor
value for required oscillator frequency, use the equations
found in Figure 15. An online NCP3066 design tool can be
found at www.onsemi.com, which aids in selecting
component values.
Figure 12. Typical Operating Waveforms


Similar Part No. - NCV3066PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV3063 ONSEMI-NCV3063 Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
NCV3063DR2G ONSEMI-NCV3063DR2G Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
NCV3063DR2G ONSEMI-NCV3063DR2G Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
NCV3063MNTXG ONSEMI-NCV3063MNTXG Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
NCV3063PG ONSEMI-NCV3063PG Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
More results

Similar Description - NCV3066PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3065 ONSEMI-NCP3065 Datasheet
241Kb / 18P
   Up to 1.5 A Constant Current Switching Regulator for LEDs
July, 2007 - Rev. 0
NCP3064 ONSEMI-NCP3064 Datasheet
1Mb / 20P
   1.5 A, Step-Up/Down/ Inverting Switching Regulator with ON/OFF Function
November, 2008 ??Rev. 4
NCV3064 ONSEMI-NCV3064 Datasheet
1Mb / 20P
   1.5 A, Step-Up/Down/ Inverting Switching Regulator with ON/OFF Function
November, 2008 ??Rev. 4
logo
STMicroelectronics
A5972D_0808 STMICROELECTRONICS-A5972D_0808 Datasheet
641Kb / 11P
   Up to 1.5 A step down switching regulator for automotive applications
A5973AD_0808 STMICROELECTRONICS-A5973AD_0808 Datasheet
1Mb / 19P
   Up to 1.5 A step down switching regulator for automotive applications
A5973AD STMICROELECTRONICS-A5973AD Datasheet
1Mb / 19P
   Up to 1.5 A step down switching regulator for automotive applications
R5973AD STMICROELECTRONICS-R5973AD Datasheet
1Mb / 38P
   Up to 1.5 A step-down switching regulator for aerospace applications
A5972D STMICROELECTRONICS-A5972D_08 Datasheet
640Kb / 11P
   Up to 1.5 A step down switching regulator for automotive applications
R5972D STMICROELECTRONICS-R5972D Datasheet
1Mb / 35P
   Up to 1.5 A step-down switching regulator for aerospace applications
ST1S03A STMICROELECTRONICS-ST1S03A_08 Datasheet
276Kb / 14P
   1.5 A, 1.5 MHz adjustable, with inhibit function step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com