Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS3899B Datasheet(PDF) 9 Page - ON Semiconductor

Part # NLAS3899B
Description  Dual DPDT Low RON, Low Capacitance Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS3899B Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NLAS3899B Datasheet HTML 2Page - ON Semiconductor NLAS3899B Datasheet HTML 3Page - ON Semiconductor NLAS3899B Datasheet HTML 4Page - ON Semiconductor NLAS3899B Datasheet HTML 5Page - ON Semiconductor NLAS3899B Datasheet HTML 6Page - ON Semiconductor NLAS3899B Datasheet HTML 7Page - ON Semiconductor NLAS3899B Datasheet HTML 8Page - ON Semiconductor NLAS3899B Datasheet HTML 9Page - ON Semiconductor NLAS3899B Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NLAS3899B
http://onsemi.com
9
PACKAGE DIMENSIONS
WQFN16 (1.8x2.6x0.4P)
CASE 488AP−01
ISSUE A
A
b
A3
A1
0.08 C
SEATING
PLANE
NOTE 3
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.25 AND 0.30 MM
FROM TERMINAL.
4. COPLANARITY APPLIES TO THE EXPOSED PAD
AS WELL AS THE TERMINALS.
5. EXPOSED PADS CONNECTED TO DIE FLAG.
USED AS TEST CONTACTS.
DIM
MIN
MAX
MILLIMETERS
A
1.80 BSC
A1
0.40 BSC
A3
0.70
0.80
b
D
0.30
0.50
E
e
L
L1
0.20 REF
0.00
0.050
PIN 1 REFERENCE
D
A
E
B
0.15 C
2X
0.15 C
2X
0.10 C
C
L1
1
4
5
0.05 C
0.10 CA B
16 X
e
L
15 X
0.40
0.60
2.60 BSC
0.15
0.25
MOUNTING FOOTPRINT
8
12
9
16
mm
inches
SCALE 20:1
1
0.400
0.0157
0.225
0.0089
0.463
0.0182
0.562
0.0221
2.900
0.1142
1.200
0.0472
2.100
0.0827
*For additional information on our Pb−Free strategy
and soldering details, please download the
ON Semiconductor Soldering and Mounting
Techniques Reference Manual, SOLDERRM/D.


Similar Part No. - NLAS3899B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS3899B ONSEMI-NLAS3899B Datasheet
137Kb / 10P
   Dual DPDT Low RON, Low Capacitance Switch
August, 2012 ??Rev. 1
NLAS3899BMNTBG ONSEMI-NLAS3899BMNTBG Datasheet
137Kb / 10P
   Dual DPDT Low RON, Low Capacitance Switch
August, 2012 ??Rev. 1
NLAS3899BMNTWG ONSEMI-NLAS3899BMNTWG Datasheet
137Kb / 10P
   Dual DPDT Low RON, Low Capacitance Switch
August, 2012 ??Rev. 1
NLAS3899BMNTXG ONSEMI-NLAS3899BMNTXG Datasheet
137Kb / 10P
   Dual DPDT Low RON, Low Capacitance Switch
August, 2012 ??Rev. 1
NLAS3899B ONSEMI-NLAS3899B_12 Datasheet
137Kb / 10P
   Dual DPDT Low RON, Low Capacitance Switch
August, 2012 ??Rev. 1
More results

Similar Description - NLAS3899B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS3899B ONSEMI-NLAS3899B_12 Datasheet
137Kb / 10P
   Dual DPDT Low RON, Low Capacitance Switch
August, 2012 ??Rev. 1
NLAS3799B ONSEMI-NLAS3799B_08 Datasheet
177Kb / 12P
   Dual DPDT Ultra-Low RON Switch
July, 2008 ??Rev. 3
NLAS3699 ONSEMI-NLAS3699_05 Datasheet
97Kb / 10P
   Dual DPDT Ultra-Low RON Switch
October, 2005 ??Rev. 3
NLAS3699 ONSEMI-NLAS3699 Datasheet
80Kb / 10P
   Dual DPDT Ultra-Low RON Switch
October, 2004 ??Rev. 0
logo
Vishay Siliconix
DG2015 VISHAY-DG2015_11 Datasheet
175Kb / 10P
   Low-Voltage, Low RON, Dual DPDT Analog Switch
Rev. C, 13-Jun-11
DG3015 VISHAY-DG3015 Datasheet
116Kb / 8P
   Low-Voltage, Low rON, Dual DPDT Analog Switch
Rev. C, 30-Apr-07
DG2017 VISHAY-DG2017_V01 Datasheet
143Kb / 9P
   Low-Voltage, Low RON, Dual DPDT Analog Switch
01-Jan-2022
DG2015 VISHAY-DG2015 Datasheet
58Kb / 6P
   Low-Voltage, Low rON, Dual DPDT Analog Switch
Rev. B, 03-Mar-03
DG2017 VISHAY-DG2017_11 Datasheet
188Kb / 11P
   Low-Voltage, Low RON, Dual DPDT Analog Switch
Rev. B, 13-Jun-11
DG3015 VISHAY-DG3015_V01 Datasheet
168Kb / 9P
   Low-Voltage, Low RON, Dual DPDT Analog Switch
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com